Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STT818B Datasheet(PDF) 5 Page - STMicroelectronics

Part # STT818B
Description  HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STT818B Datasheet(HTML) 5 Page - STMicroelectronics

  STT818B Datasheet HTML 1Page - STMicroelectronics STT818B Datasheet HTML 2Page - STMicroelectronics STT818B Datasheet HTML 3Page - STMicroelectronics STT818B Datasheet HTML 4Page - STMicroelectronics STT818B Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2002 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
STT818B
5/5


Similar Part No. - STT818B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B Datasheet
147Kb / 10P
   High gain low voltage PNP power transistor
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
   High gain low voltage PNP power transistor
More results

Similar Description - STT818B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STT818B STMICROELECTRONICS-STT818B_07 Datasheet
147Kb / 10P
   High gain low voltage PNP power transistor
2STF2220 STMICROELECTRONICS-2STF2220_07 Datasheet
242Kb / 11P
   High gain Low Voltage PNP power transistor
2STF2220 STMICROELECTRONICS-2STF2220 Datasheet
230Kb / 11P
   High Gain Low Voltage PNP Power Transistor
STT818A STMICROELECTRONICS-STT818A Datasheet
87Kb / 6P
   HIGH GAIN LOW VOLTAGE PNP POWER TRANSISTOR
2STX2220 STMICROELECTRONICS-2STX2220 Datasheet
235Kb / 11P
   High Gain Low Voltage PNP Power Transistor
logo
Diodes Incorporated
ZXTP2009Z DIODES-ZXTP2009Z Datasheet
132Kb / 6P
   40V PNP HIGH GAIN LOW SATURATION MEDIUM POWER TRANSISTOR
logo
STMicroelectronics
3STL2540 STMICROELECTRONICS-3STL2540 Datasheet
235Kb / 11P
   Low voltage high performance PNP power transistor
logo
Diodes Incorporated
FZT1149A DIODES-FZT1149A_16 Datasheet
566Kb / 7P
   25V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT796A DIODES-FZT796A_16 Datasheet
801Kb / 7P
   200V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
FZT788B DIODES-FZT788B_16 Datasheet
950Kb / 7P
   15V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com