Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38821FB-XXXHP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38821FB-XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38821FB-XXXHP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38821FB-XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38821FB-XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Rev.1.01
Nov 14, 2005
page 4 of 60
REJ03B0089-0101
3882 Group
Functions
Name
Pin
P40
P41
•8-bit I/O port with the same function as port P0
<Input level>
CMOS compatible input level
<Output level>
P40, P41 : CMOS 3-state output structure
P42-P47 : CMOS 3-state output structure or N-
channel open-drain output structure
•Each pin level of P42 to P46 can be read even in
output port mode.
Function except a port function
Table 2 Pin description (2)
•8-bit I/O port with the same function as port P0
•CMOS compatible input level
•CMOS 3-state output structure
•8-bit I/O port with the same function as port P0
•CMOS compatible input level.
•CMOS 3-state output structure.
•8-bit CMOS I/O port with the same function as port P0
<Input level>
P70–P75 : CMOS compatible input level or
TTL compatible input level
P76, P77 : CMOS compatible input level
<Output structure>
N-channel open-drain output structure
•Each pin level of P70 to P75 can be read even in
output port mode.
•8-bit CMOS I/O port with the same function as port
P0
•CMOS compatible input level.
•CMOS 3-state output structure.
I/O port P4
P42/INT0
P43/INT1
P44
P45
P46
•Interrupt input pins
P47
/CLKRUN
•Serialized IRQ function pin
P56
P57
P50/INT5
P51/INT20
P52/INT30
P53/INT40
P54/CNTR0
P55/CNTR1
I/O port P5
•Interrupt input pins
•Timer X, timer Y function pins
P60–P67
P70
P71
P72
P76
P77
I/O port P6
I/O port P7
•Interrupt input pins
•LPC interface function pins
P73/INT21
P74/INT31
P75/INT41
I/O port P8
P80/LAD0
P81/LAD1
P82/LAD2
P83/LAD3
P84/LFRAME
P85/LRESET
P86/LCLK
P87/SERIRQ
•Serialized IRQ function pin


Similar Part No. - M38821FB-XXXHP

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3880 HEYCO-M3880 Datasheet
192Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Renesas Technology Corp
M3885 RENESAS-M3885 Datasheet
1Mb / 103P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M388504E6FP MITSUBISHI-M388504E6FP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SP MITSUBISHI-M388504E6SP Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M388504E6SS MITSUBISHI-M388504E6SS Datasheet
736Kb / 51P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38821FB-XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com