Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJP5001APP-00-T2 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJP5001APP-00-T2
Description  Nch IGBT for Strobe Flash
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP5001APP-00-T2 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJP5001APP-00-T2 Datasheet HTML 1Page - Renesas Technology Corp RJP5001APP-00-T2 Datasheet HTML 2Page - Renesas Technology Corp RJP5001APP-00-T2 Datasheet HTML 3Page - Renesas Technology Corp RJP5001APP-00-T2 Datasheet HTML 4Page - Renesas Technology Corp RJP5001APP-00-T2 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RJP5001APP
REJ03G1710-0100 Rev.1.00 Jul 03, 2008
Page 2 of 4
Electrical Characteristics
(Tj = 25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Collector-emitter breakdown voltage
V(BR)CES
500
V
IC = 100
µA, VGE = 0 V
Collector-emitter leakage current
ICES
10
µA
VCE = 500 V, VGE = 0 V
Gate-emitter leakage current
IGES
±0.1
µA
VGE =
±17 V, VCE = 0 V
Gate-emitter threshold voltage
VGE(th)
1.3
2.7
V
VCE = 10 V, IC = 1 mA
Collector-emitter saturation voltage
VCE(sat)
4.7
10
V
IC = 300 A, VGE = 12 V
Input capacitance
Ciss
2050
pF
Output capacitance
Coss
130
pF
Reverse transfer capacitance
Crss
12
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
0.1
µs
Rise time
tr
0.5
µs
Turn-off delay time
td(off)
0.2
µs
Fall time
tf
0.8
µs
VDD = 300 V
ID = 12 A
VGS = 350 V
RG = 25
Performance Curves
Gate-Emitter Voltage VGE (V)
Maximum Pulse Collector Current
0
100
200
300
400
020
4
8
12
16
CM = 2000 µF
Tc
≤ 70°C
RG = 30 Ω


Similar Part No. - RJP5001APP-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP5001APP-M0 RENESAS-RJP5001APP-M0 Datasheet
64Kb / 5P
   Nch IGBT for Strobe Flash
Apr 26, 2012
RJP5001APP-M0-T2 RENESAS-RJP5001APP-M0-T2 Datasheet
64Kb / 5P
   Nch IGBT for Strobe Flash
Apr 26, 2012
RJP5001APP-M0 RENESAS-RJP5001APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
More results

Similar Description - RJP5001APP-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP4009ANS RENESAS-RJP4009ANS_15 Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP4301APP-M0 RENESAS-RJP4301APP-M0_15 Datasheet
65Kb / 5P
   Nch IGBT for Strobe Flash
CY20AAJ-8 RENESAS-CY20AAJ-8 Datasheet
159Kb / 5P
   Nch IGBT for Strobe Flash
CY25CAH-8F RENESAS-CY25CAH-8F Datasheet
52Kb / 5P
   Nch IGBT for Strobe Flash
RJP4010AGE RENESAS-RJP4010AGE Datasheet
103Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ANS RENESAS-RJP4003ANS Datasheet
87Kb / 5P
   Nch IGBT for Strobe Flash
RJP4003ASA RENESAS-RJP4003ASA Datasheet
136Kb / 5P
   Nch IGBT for Strobe Flash
CY25BAJ-8F RENESAS-CY25BAJ-8F Datasheet
57Kb / 4P
   Nch IGBT for Strobe Flash
RJP4301APP RENESAS-RJP4301APP_09 Datasheet
191Kb / 5P
   Nch IGBT for Strobe Flash
RJP4007ANS RENESAS-RJP4007ANS Datasheet
96Kb / 5P
   Nch IGBT for Strobe Flash
RJP5001APP RENESAS-RJP5001APP_15 Datasheet
102Kb / 7P
   Nch IGBT for Strobe Flash
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com