Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKP300WKQE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RKP300WKQE
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP300WKQE Datasheet(HTML) 1 Page - Renesas Technology Corp

  RKP300WKQE Datasheet HTML 1Page - Renesas Technology Corp RKP300WKQE Datasheet HTML 2Page - Renesas Technology Corp RKP300WKQE Datasheet HTML 3Page - Renesas Technology Corp RKP300WKQE Datasheet HTML 4Page - Renesas Technology Corp RKP300WKQE Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1730-0100 Rev.1.00 Aug 21, 2008
Page 1 of 4
RKP300WKQE
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G1730-0100
Rev.1.00
Aug 21, 2008
Features
• Suitable for an antenna switches of wireless LAN and a cordless telephone.
• Super -Low capacitance.(C = 0.25 pF max)
• Low forward resistance. (rf = 3.7 Ω max)
• CMPAK Package is suitable for high density surface mounting and high speed assembly.
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
RKP300WKQE
P8
CMPAK
PTSP0003ZB-A
Pin Arrangement
1. Anode
2. Anode
3. Cathode
(Top View)
21
3


Similar Part No. - RKP300WKQE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP300KJ RENESAS-RKP300KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK Datasheet
83Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KK RENESAS-RKP300KK_15 Datasheet
104Kb / 7P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
RKP300KL RENESAS-RKP300KL Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Wireless LAN
More results

Similar Description - RKP300WKQE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Renesas Technology Corp
HVC132 RENESAS-HVC132 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com