Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJJ0101DPD Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJJ0101DPD
Description  P Channel Power MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJJ0101DPD Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJJ0101DPD Datasheet HTML 1Page - Renesas Technology Corp RJJ0101DPD Datasheet HTML 2Page - Renesas Technology Corp RJJ0101DPD Datasheet HTML 3Page - Renesas Technology Corp RJJ0101DPD Datasheet HTML 4Page - Renesas Technology Corp RJJ0101DPD Datasheet HTML 5Page - Renesas Technology Corp RJJ0101DPD Datasheet HTML 6Page - Renesas Technology Corp RJJ0101DPD Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJJ0101DPD
REJ03G1580-0200 Rev.2.00 Nov 11, 2007
Page 3 of 6
Main Characteristics
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
–16
–12
–8
–4
0
–2
–4
–6
–8
–10
–16
–12
–8
–4
0
0
–1
–2
–5
–4
–3
25
°C
75
°C
VDS = –10 V
Pulse Test
VGS = –1.8 V
–10 V
–2.5 V
–3 V
–4.5 V
Pulse Test
–2 V
–2.2 V
Tc = –25
°C
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
20
16
12
8
4
0
50
100
150
200
–0.1
–100
–10
–1
–0.1
–1
–10
–100
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–100
–150
–200
–50
–250
0
–2
–4
–6
–10
–8
Ta = 25
°C
–4.0 A
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
10
1
–0.1
–1
–10
1000
100
VGS = –1.8 V
–2.5 V
–4.5 V
Pulse Test
Ta = 25
°C
–1.5 A
–1.0 A
Case Temperature Tc (
°C)
PW
=
1
ms
Operation in
this area is
limited by R
DS(on)
Ta = 25
°C
1 shot Pulse
10
µs


Similar Part No. - RJJ0101DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0101DPD RENESAS-RJJ0101DPD_15 Datasheet
121Kb / 9P
   P Channel Power MOS FET High Speed Switching
More results

Similar Description - RJJ0101DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0621DPP RENESAS-RJJ0621DPP Datasheet
107Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP RENESAS-RJJ0621DPP_15 Datasheet
126Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD_15 Datasheet
125Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD Datasheet
107Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0_15 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD_15 Datasheet
121Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
Jun 08, 2012
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com