Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJJ0621DPP-00-T2 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJJ0621DPP-00-T2
Description  P Channel Power MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJJ0621DPP-00-T2 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJJ0621DPP-00-T2 Datasheet HTML 1Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 2Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 3Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 4Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 5Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 6Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
RJJ0621DPP
REJ03G1624-0200 Rev.2.00 Jun 16, 2008
Page 4 of 6
Case Temperature Tc (
°C)
Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
–25
25
075
50
100
125 150
0
20
40
60
80
100
120
–0.1
–1
–100
–10
10
100
1
0.1
Tc = –25
°C
75
°C
25
°C
VGS = –10 V
Pulse Test
VDS = –10 V
Pulse Test
ID = –25 A
Drain Current
ID (A)
Switching Characteristics
1000
10
100
1
–100
–10
–1
tf
tr
td(off)
td(on)
VGS = –10 V, VDD = –30 V
PW = 5 µs, duty ≤ 1%
RG = 25 Ω
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Body-Drain Diode Reverce Recovery Time
–1
–10
–100
1000
100
10
1
di/dt = –100 A/
µs
VGS = 0 V
Tc = 25
°C
Drain to Source Voltage VDS (V)
–1
–10
–100
1000
100
10
1
–80
–40
0
0
24
32
816
40
–16
–8
–20
–4
–60
–12
0
ID = –25 A
Gate Charge Qg (nc)
Dynamic Input Characteristics
VDD = –60 V
–30 V
–10 V
VDD = –60 V
–10 V
–30 V
–5 A
–12.5 A
Ciss
Coss
Crss
VGS = 0
f = 1 MHz


Similar Part No. - RJJ0621DPP-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
Jun 08, 2012
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0_15 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
More results

Similar Description - RJJ0621DPP-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0621DPP RENESAS-RJJ0621DPP_15 Datasheet
126Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD Datasheet
103Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD_15 Datasheet
125Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD Datasheet
107Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0_15 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD_15 Datasheet
121Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
Jun 08, 2012
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com