Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJJ0621DPP-00-T2 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJJ0621DPP-00-T2
Description  P Channel Power MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJJ0621DPP-00-T2 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJJ0621DPP-00-T2 Datasheet HTML 1Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 2Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 3Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 4Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 5Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 6Page - Renesas Technology Corp RJJ0621DPP-00-T2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
RJJ0621DPP
REJ03G1624-0200 Rev.2.00 Jun 16, 2008
Page 5 of 6
Vin Monitor
D.U.T.
25
Vin
–10 V
RL
VDD
= –30 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
90%
10%
tf
Switching Time Test Circuit
Switching Time Waveform
Pulse Width
PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
100
µ
1 m
10 m
100 m
1
10
10
1
0.1
0.01
Avalanche Current vs. Case Temperature
–30
–25
–20
–15
–10
–5
0
25
50
75
100
125
150
175
Case Temperature Tc (
°C)
PDM
PW
T
D =
PW
T
ch – c(t) = s (t) •
ch – c
ch – c = 3.57
°C/W, Tc = 25°C
θ
γ
θ
θ
Tc = 25
°C
D = 1
1shot pulse
0.5
0.1
0.2
0.05
0.02
0.01
L = 100
µH
Source to Drain Voltage VSDF (V)
–20
–30
–10
0
–0.4
–0.8
–1.2
–1.6
–2.0
Reverse Drain Current vs.
Source to Drain Voltage
–5 V
–10 V
VGS = 0, 5 V
Pulse Test
Tc = 25
°C


Similar Part No. - RJJ0621DPP-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
Jun 08, 2012
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0_15 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
More results

Similar Description - RJJ0621DPP-00-T2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0621DPP RENESAS-RJJ0621DPP_15 Datasheet
126Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD Datasheet
103Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD_15 Datasheet
125Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD Datasheet
107Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0_15 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD_15 Datasheet
121Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
Jun 08, 2012
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com