Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJJ1011DPD-00-J2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJJ1011DPD-00-J2
Description  P Channel Power MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJJ1011DPD-00-J2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJJ1011DPD-00-J2 Datasheet HTML 1Page - Renesas Technology Corp RJJ1011DPD-00-J2 Datasheet HTML 2Page - Renesas Technology Corp RJJ1011DPD-00-J2 Datasheet HTML 3Page - Renesas Technology Corp RJJ1011DPD-00-J2 Datasheet HTML 4Page - Renesas Technology Corp RJJ1011DPD-00-J2 Datasheet HTML 5Page - Renesas Technology Corp RJJ1011DPD-00-J2 Datasheet HTML 6Page - Renesas Technology Corp RJJ1011DPD-00-J2 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
REJ03G1623-0200 Rev.2.00 Jun 16, 2008
Page 1 of 6
RJJ1011DPD
P Channel Power MOS FET
High Speed Switching
REJ03G1623-0200
Rev.2.00
Jun 16, 2008
Features
• V
DSS : –100 V
• R
DS(on) : 0.30
Ω (Max)
• I
D : –6 A
• Surface mount package (MP-3A)
Outline
RENESAS Package code: PRSS0004ZA-A
(Package name: MP-3A)
1. Gate
2. Drain
3. Source
4. Drain
1
3
2
4
1
2, 4
3
Application
• Motor control, Solenoid control, DC-DC converter, etc.
Absolute Maximum Ratings
(Tc = 25°C)
Item
Symbol
Ratings
Unit
Conditions
Drain to source voltage
VDSS
–100
V
VGS = 0 V
Gate to source voltage
VGSS
±20
V
VDS = 0 V
Drain current (DC)
ID
–6
A
Drain current (Pulsed)*
1
ID(pulse)
–12
A
Avalanche current
IAP
–6
A
L = 100
µH
Channel dissipation
Pch
30
W
Channel to case thermal impedance
θch-c
4.17
°C/W
Channel temperature
Tch
–55 to +150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. Pulse width limited by safe operating area.


Similar Part No. - RJJ1011DPD-00-J2

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJJ1011DPD VBSEMI-RJJ1011DPD Datasheet
998Kb / 9P
   P-Channel 100 V (D-S) MOSFET
logo
Renesas Technology Corp
RJJ1011DPD RENESAS-RJJ1011DPD_15 Datasheet
125Kb / 9P
   P Channel Power MOS FET High Speed Switching
More results

Similar Description - RJJ1011DPD-00-J2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJJ0621DPP RENESAS-RJJ0621DPP Datasheet
107Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP RENESAS-RJJ0621DPP_15 Datasheet
126Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD Datasheet
103Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ1011DPD RENESAS-RJJ1011DPD_15 Datasheet
125Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0_15 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
RJJ0101DPD RENESAS-RJJ0101DPD_15 Datasheet
121Kb / 9P
   P Channel Power MOS FET High Speed Switching
RJJ0621DPP-E0 RENESAS-RJJ0621DPP-E0 Datasheet
86Kb / 7P
   P Channel Power MOS FET High Speed Switching
Jun 08, 2012
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com