Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D25F5XXXHP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38D25F5XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D25F5XXXHP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38D25F5XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 9Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 10Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 11Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 8 of 131
REJ03B0177-0302
38D2 Group
GROUP EXPANSION
Renesas plans to expand the 38D2 Group as follows.
Memory Size
<QzROM version>
• ROM size ................................................... 16 K to 60 K bytes
• RAM size .................................................... 640 to 2048 bytes
<Flash memory version>
• ROM size ................................................................ 60 K bytes
• RAM size ............................................................... 2048 bytes
Packages
• PLQP0064GA-A ...............0.8 mm-pitch plastic molded LQFP
• PLQP0064KB-A ...............0.5 mm-pitch plastic molded LQFP
Fig. 4 Memory expansion plan
32K
28K
24K
20K
16K
12K
8K
4K
256
384
512
640
768
896
1,024
192
40K
48K
1,536
2,048
56K
60K
ROM size
(bytes)
RAM size (bytes)
M38D24G4
M38D24G6
Products under development or planning : the development schedule and specification may be revised without notice.
M38D28G8
Memory Expansion Plan
Under development
M38D29GF/FF
M38D29GC


Similar Part No. - M38D25F5XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D50F1-XXXFP RENESAS-M38D50F1-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1-XXXHP RENESAS-M38D50F1-XXXHP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXFP RENESAS-M38D50F1XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXHP RENESAS-M38D50F1XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F2-XXXFP RENESAS-M38D50F2-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D25F5XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com