Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D25F5XXXHP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M38D25F5XXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D25F5XXXHP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M38D25F5XXXHP Datasheet HTML 1Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 2Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 3Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 4Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 5Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 6Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 7Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 8Page - Renesas Technology Corp M38D25F5XXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 1 of 131
REJ03B0177-0302
DESCRIPTION
The 38D2 Group is the 8-bit microcomputer based on the 740
Family core technology.
The 38D2 Group is pin-compatible with the 38C2 Group.
The 38D2 Group has an LCD drive control circuit, an A/D
converter, a serial interface, and a ROM correction function and
on-chip oscillator as additional functions.
The QzROM version and the flash memory version are available.
The flash memory version does not have a selection function for
the oscillation start mode. Only the on-chip oscillator starts
oscillating.
The various microcomputers include variations of memory size,
and packaging. For details, refer to the section on part
numbering.
FEATURES
• Basic machine-language instructions ................................. 71
• The minimum instruction execution time ................... 0.32
μs
(at 12.5 MHz oscillation frequency)
• Memory size (QzROM version)
ROM ........................................................ 16 K to 60 K bytes
RAM ........................................................... 640 to 2048 bytes
• Memory size (Flash memory version)
ROM ...................................................................... 60 K bytes
RAM ...................................................................... 2048 bytes
• Programmable input/output ports .. 51 (common to SEG: 24)
• Interrupts ............................................. 18 sources, 16 vectors
• Timers ..................................................... 8-bit × 4, 16-bit × 2
• Serial interface ....... 8-bit × 2 (UART or Clock-synchronized)
• PWM .......... 10-bit × 2, 16-bit × 1 (common to IGBT output)
• A/D converter .......................................... 10-bit × 8 channels
(A/D converter can be operated in low-speed mode.)
• Watchdog timer ......................................................... 8-bit × 1
• ROM correction function ....................... 32 bytes × 2 vectors
• LED direct drive port ............................................................ 8
(average current: 15 mA, peak current: 30 mA, total current: 90 mA)
• LCD drive control circuit
Bias ............................................................................ 1/2, 1/3
Duty .............................................................................. 2, 3, 4
Common output .................................................................... 4
Segment output ................................................................... 24
• Main clock generating circuit ............................................... 1
(connect to external ceramic resonator or on-chip oscillator)
• Sub-clock generating circuit ..................................................1
(connect to external quartz-crystal oscillator)
• Power source voltage (QzROM version)
[In frequency/2 mode]
f(XIN)
≤ 12.5 MHz.............................................. 4.5 to 5.5 V
f(XIN)
≤ 8 MHz................................................... 4.0 to 5.5 V
f(XIN)
≤ 4 MHz................................................... 2.0 to 5.5 V
f(XIN)
≤ 2 MHz................................................... 1.8 to 5.5 V
[In frequency/4 mode]
f(XIN)
≤ 16 MHz................................................. 4.5 to 5.5 V
f(XIN)
≤ 8 MHz................................................... 2.0 to 5.5 V
f(XIN)
≤ 4 MHz................................................... 1.8 to 5.5 V
[In frequency/8 mode]
f(XIN)
≤ 16 MHz................................................. 4.5 to 5.5 V
f(XIN)
≤ 8 MHz................................................... 2.0 to 5.5 V
f(XIN)
≤ 4 MHz................................................... 1.8 to 5.5 V
[In low-speed mode].............................................. 1.8 to 5.5 V
Note. 12.5 MHz < f(XIN)
16 MHz is not available in the fre-
quency/2 mode.
• Power source voltage (Flash memory version)
[In frequency/2 mode]
f(XIN)
≤ 12.5 MHz.............................................. 4.5 to 5.5 V
f(XIN)
≤ 8 MHz................................................... 4.0 to 5.5 V
f(XIN)
≤ 4 MHz................................................... 2.7 to 5.5 V
[In frequency/4 mode]
f(XIN)
≤ 16 MHz................................................. 4.5 to 5.5 V
f(XIN)
≤ 8 MHz................................................... 2.7 to 5.5 V
[In frequency/8 mode]
f(XIN)
≤ 16 MHz................................................. 4.5 to 5.5 V
f(XIN)
≤ 8 MHz................................................... 2.7 to 5.5 V
[In low-speed mode].............................................. 2.7 to 5.5 V
Note. 12.5 MHz < f(XIN)
16 MHz is not available in the fre-
quency/2 mode.
• Power dissipation (QzROM version)
• In frequency/2 mode ..................................... Typ. 32 mW
(VCC = 5 V, f(XIN) = 12.5 MHz, Ta = 25
°C)
• In low-speed mode ........................................ Typ. 18
μW
(VCC = 2.5 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25
°C)
• Power dissipation (Flash memory version)
• In frequency/2 mode ..................................... Typ. 20 mW
(VCC = 5 V, f(XIN) = 12.5 MHz, Ta = 25
°C)
• In low-speed mode ...................................... Typ. 1.1 mW
(VCC = 2.7 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25
°C)
• Operating temperature range ...............................
−20 to 85°C
Flash Memory Mode
• Program/Erase voltage ............................. VCC = 2.7 to 5.5 V
• Program method ....................... Programming in unit of byte
• Erase method .................................................... Block erasing
• Program/Erase control by software command
APPLICATION
Household products, Consumer electronics, etc.
38D2 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
REJ03B0177-0302
Rev.3.02
Apr 10, 2008


Similar Part No. - M38D25F5XXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D50F1-XXXFP RENESAS-M38D50F1-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1-XXXHP RENESAS-M38D50F1-XXXHP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXFP RENESAS-M38D50F1XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXHP RENESAS-M38D50F1XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F2-XXXFP RENESAS-M38D50F2-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D25F5XXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com