Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65851FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M65851FP
Description  Single Chip Karaoke Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65851FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M65851FP Datasheet HTML 2Page - Renesas Technology Corp M65851FP Datasheet HTML 3Page - Renesas Technology Corp M65851FP Datasheet HTML 4Page - Renesas Technology Corp M65851FP Datasheet HTML 5Page - Renesas Technology Corp M65851FP Datasheet HTML 6Page - Renesas Technology Corp M65851FP Datasheet HTML 7Page - Renesas Technology Corp M65851FP Datasheet HTML 8Page - Renesas Technology Corp M65851FP Datasheet HTML 9Page - Renesas Technology Corp M65851FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
M65851FP
REJ03F0172-0201 Rev.2.01 Jan 25, 2008
Page 6 of 27
Pin Description (cont.)
Pin
No.
Symbol
Name
I/O
Function
42
DDACINTOUT
D/A integrator output
O
43
DDACINTIN
D/A integrator input
I
44
DDACCONT
D/A control
Composes a D/A conversion integrator with external
45
DADCCONT
A/D control
46
DADCINTOUT
A/D integrator output
O
47
DADCINTIN
A/D integrator input
I
Composes a A/D conversion integrator with external
48
DILPF3
Low-pass filter 3 output
O
49
DILPF2
Low-pass filter 2 input
I
50
DILPF1
Low-pass filter 1 input
Pre-filter before A/D conversion for digital delay
51
DIN
Delay select signal input
I
52
DISIG
Delay select signal output
O
Outputs after selection of echo/surround input signal
53
DOUT
Delay signal output
O
Delay signal output
54
AGND2
Analog GND 2
55
AVCC2
Analog power supply 2
56
EQR1
Rch equalizer adjustment C1
57
EQR2
Rch equalizer adjustment C2
58
EQR3
Rch equalizer adjustment C3
59
EQR4
Rch equalizer adjustment C4
60
EQRAMPIN1
Rch equalizer input 1
I
61
EQRAMPIN2
Rch equalizer input 2
I
62
EQRAMPOUT
Rch equalizer output
O
Composes external C for the adjustment of Rch
equalizer characteristics (bass and treble)
63
ROUT
Rch output
O
Rch mixing output
64
LOUT
Lch output
O
Lch mixing output
65
EQLAMPOUT
Lch equalizer output
O
66
EQLAMPIN2
Lch equalizer input 2
I
67
EQLAMPIN1
Lch equalizer input 1
I
68
EQL4
Lch equalizer adjustment C4
69
EQL3
Lch equalizer adjustment C3
70
EQL2
Lch equalizer adjustment C2
71
EQL1
Lch equalizer adjustment C1
Composes external C for the adjustment of Lch
equalizer characteristics (bass and treble)
72
PS2
Phase shift input 2
I
73
PS1
Phase shift input 1
I
Determines a constant at time of phase shift
74
RIN
Rch line input
I
Rch line input
75
LIN
Lch line input
I
Lch line input
76
VCFIL
Vocal cut filter
I
Process frequencies lower than the vocal band
77
MICIN
Microphone input
I
Microphone input
78
LGAIN
Line input gain control
I
Set gain for the no music detection
79
MGAIN
Microphone input gain control
I
Set gain for the microphone detection
80
MBPF1
Microphone band pass filter 1
Composes band pass filter for Karaoke scoring
(For microphone signal)


Similar Part No. - M65851FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65851FP MITSUBISHI-M65851FP Datasheet
168Kb / 36P
   SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
More results

Similar Description - M65851FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
logo
Mitsubishi Electric Sem...
M65851FP MITSUBISHI-M65851FP Datasheet
168Kb / 36P
   SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
logo
Sony Corporation
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
logo
List of Unclassifed Man...
YSS222 ETC-YSS222 Datasheet
411Kb / 10P
   KPB KARAOKE PROCESSOR B
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
   Digital Karaoke Audio Processor
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com