Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65851FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M65851FP
Description  Single Chip Karaoke Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65851FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M65851FP Datasheet HTML 4Page - Renesas Technology Corp M65851FP Datasheet HTML 5Page - Renesas Technology Corp M65851FP Datasheet HTML 6Page - Renesas Technology Corp M65851FP Datasheet HTML 7Page - Renesas Technology Corp M65851FP Datasheet HTML 8Page - Renesas Technology Corp M65851FP Datasheet HTML 9Page - Renesas Technology Corp M65851FP Datasheet HTML 10Page - Renesas Technology Corp M65851FP Datasheet HTML 11Page - Renesas Technology Corp M65851FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
M65851FP
REJ03F0172-0201 Rev.2.01 Jan 25, 2008
Page 8 of 27
Electrical Characteristics (cont.)
(VCC = 5 V, f = 1 kHz, Vi = 100 mVrms, F0, Ta = 25°C, Unless otherwise noted)
Limits
Item
Symbol
Min
Typ
Max
Units
Test Conditions
0.3
0.6
Td = 10, 15, 20 ms, 30 kHz LPF
0.5
1.0
Td = 30 ms, 30 kHz LPF
0.7
1.4
Td = 50 ms, 30 kHz LPF
1.0
2.0
Td = 100 ms, 30 kHz LPF
1.5
3.0
Td = 150 ms, 30 kHz LPF
Output distortion
THD
2.0
4.0
%
Td = 200 ms, 30 kHz LPF
Maximum output voltage
Vomax
0.7
1.0
Vrms
30 kHz LPF, THD = 10%
–92
–80
Td = 10, 15, 20, 30, 50 ms,
Vi = 0 mVrms JIS–A
–87
–72
Td = 100 ms, Vi = 0 mVrms JIS–A
–85
–70
Td = 130, 150 ms, Vi = 0 mVrms
JIS–A
Output noise voltage
No
–82
–67
dBV
Td = 200 ms, Vi = 0 mVrms JIS–A
–60
–40
Delay volume, Gain = –
Digital
delay
Maximum volume attenuation
VOLATTmax
–60
–40
dB
Feedback volume, Gain = –
Gain between input and output
GV
–3
0
+3
dB
30 kHz LPF, upon key control through
Output distortion
THD
0.05
0.1
%
30 kHz LPF, upon key control through
Maximum output voltage
Vomax
1.2
1.8
Vrms
30 kHz LPF, THD = 10%
upon key control through
Output noise voltage
No
–95
–88
dBV
JIS–A, upon key control through
Channel separation
CS
–70
–50
dB
upon key control through,
Lin = 400 Hz, Rout JIS-A
Input impedance
Zi
10
20
40
k
Ω
Line
Vocal removal ratio
Grej
14
18
dB
Vocal cut
Maximum bass boost volume
GBBmax
9
12
15
f = 100 Hz
Maximum bass cut volume
GBCmax
–15
–12
–9
f = 100 Hz
Maximum treble boost volume
GTBmax
9
12
15
f = 10 kHz
EQ
Maximum treble cut volume
GTCmax
–15
–12
–9
dB
f = 10 kHz


Similar Part No. - M65851FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65851FP MITSUBISHI-M65851FP Datasheet
168Kb / 36P
   SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
More results

Similar Description - M65851FP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2720Q SONY-CXD2720Q Datasheet
612Kb / 40P
   Single-Chip Digital Signal Processor for Karaoke
logo
Mitsubishi Electric Sem...
M65851FP MITSUBISHI-M65851FP Datasheet
168Kb / 36P
   SINGLE CHIP KARAOKE PROCESSOR(SOUND PROCDSSOR ICs)
logo
Sony Corporation
CXD2721Q-1 SONY-CXD2721Q-1 Datasheet
941Kb / 70P
   Single-Chip Digital Signal Processor for Karaoke
logo
List of Unclassifed Man...
YSS205B ETC-YSS205B Datasheet
899Kb / 7P
   KARAOKE PROCESSOR
logo
Toshiba Semiconductor
TC9409BF TOSHIBA-TC9409BF Datasheet
681Kb / 15P
   SINGLE CHIP KARAOKE LSI
TC9465F TOSHIBA-TC9465F Datasheet
598Kb / 16P
   SINGLE CHIP KARAOKE LSI
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
logo
List of Unclassifed Man...
YSS222 ETC-YSS222 Datasheet
411Kb / 10P
   KPB KARAOKE PROCESSOR B
logo
New Japan Radio
NJU25102 NJRC-NJU25102 Datasheet
1Mb / 39P
   Digital Karaoke Audio Processor
logo
Sanyo Semicon Device
LC83026E SANYO-LC83026E Datasheet
283Kb / 16P
   Digital Signal Processor for Karaoke Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com