Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKP413KS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RKP413KS
Description  Composite Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP413KS Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKP413KS Datasheet HTML 1Page - Renesas Technology Corp RKP413KS Datasheet HTML 2Page - Renesas Technology Corp RKP413KS Datasheet HTML 3Page - Renesas Technology Corp RKP413KS Datasheet HTML 4Page - Renesas Technology Corp RKP413KS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RKP413KS
REJ03G1613-0100 Rev.1.00 Jan 10, 2008
Page 4 of 4
Package Dimensions
A1
0.44
0
0.47
0.50
-
0.05
A2
0.13
0.18
0.23
0.10
0.13
0.16
b
c
2.70
1.10
1.20
1.30
D
E
-
0.43
-
e
-0.28
-
-1.1
-
-0.25
-
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
0.23
Lp
0.05
0.15
0.18
0.28
1.30
1.40
1.50
2.60
2.80
0.10
HE
L
0.004g
MASS[Typ.]
MFP12V
PUSF0012ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MFP12
e
l1
b2
A2
A1
D
b
E
HE
e
e
e1
Pattern of terminal position areas
L
c
Lp


Similar Part No. - RKP413KS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP410KS RENESAS-RKP410KS Datasheet
76Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP411KS RENESAS-RKP411KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP414KS RENESAS-RKP414KS Datasheet
92Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP415KS RENESAS-RKP415KS Datasheet
114Kb / 7P
   Composite Pin Diode for Antenna Switching
Nov 27, 2008
More results

Similar Description - RKP413KS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP405KS RENESAS-RKP405KS Datasheet
69Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP404KS RENESAS-RKP404KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP401KS RENESAS-RKP401KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP407KS RENESAS-RKP407KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP412KS RENESAS-RKP412KS Datasheet
48Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP415KS RENESAS-RKP415KS Datasheet
114Kb / 7P
   Composite Pin Diode for Antenna Switching
Nov 27, 2008
RKP406KS RENESAS-RKP406KS Datasheet
74Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP410KS RENESAS-RKP410KS Datasheet
76Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP408KS RENESAS-RKP408KS Datasheet
70Kb / 5P
   Composite Pin Diode for Antenna Switching
RKP409KS RENESAS-RKP409KS Datasheet
76Kb / 6P
   Composite Pin Diode for Antenna Switching
RKP400KS RENESAS-RKP400KS Datasheet
78Kb / 6P
   Composite Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com