|
| RKP450KE |
|
||
|
RENESAS |
|
3 page
RKP450KE REJ03G1664-0100 Rev.1.00 Apr 17, 2008 Page 3 of 4 Main Characteristic 040 10 30 20 50 1.0 0.1 1.0 f = 1MHz 0 0.2 0.4 0.6 0.8 1.0 0.1 1.0 10 0.1 10− 11 10− 10 10− 9 10− 8 10− 7 10− 13 10− 12 10− 10 10− 8 10− 6 10− 4 10− 2 10− 12 10 3 Fig.4 Forward resistance vs. Forward current Forward current IF (mA) Fig.3 Capacitance vs. Reverse voltage Reverse voltage VR (V) Fig.2 Reverse current vs. Reverse voltage Reverse voltage VR (V) Fig.1 Forward current vs. Forward voltage Forward voltage VF (V) f = 100MHz 10 10− 1 10 1 10 0 10 2 |
|
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RKP408KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
| RKP400KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP409KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP401KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP405KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
| RKP403KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP410KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP404KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP406KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| RKP411KS | Composite Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
Link URL |
Sponsor of Alldatasheet |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved© Alldatasheet.com 2003 - 2012 |
| Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com | Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl |