Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66291HP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # M66291HP
Description  ASSP (USB2.0 Device Controller)
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291HP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button M66291HP Datasheet HTML 5Page - Renesas Technology Corp M66291HP Datasheet HTML 6Page - Renesas Technology Corp M66291HP Datasheet HTML 7Page - Renesas Technology Corp M66291HP Datasheet HTML 8Page - Renesas Technology Corp M66291HP Datasheet HTML 9Page - Renesas Technology Corp M66291HP Datasheet HTML 10Page - Renesas Technology Corp M66291HP Datasheet HTML 11Page - Renesas Technology Corp M66291HP Datasheet HTML 12Page - Renesas Technology Corp M66291HP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
M66291GP/HP
Rev 1.01 2004.11.01 page 9 of 122
2 Registers
How to Read Register Tables
Bit Numbers :
Each register is connected with an internal bus of 16-bit wide, so the bit numbers of the
registers located at odd addresses are b15-b8, and those at even addresses are b7-b0.
State of Register at Reset :
Represents the initial state of each register immediately after reset with hexadecimal numbers.
The "H/W reset" is the reset by an external reset signal; the "S/W reset" is the reset by the
USBE bit of the USB Operation Enable Register.
At Read:
... Read enabled
? ... Read disabled (Read value invalid)
0 ... Read always as 0
1 ... Read always as 1
At Write:
... Write enabled
∆ ... Write enable conditionally (includes some conditions at write)
— ... Write disabled (Don’t care “0” and “1” at write)
X ··· Write disabled
<Example of representation>
Not implemented in the shaded portion.
b15
14
13
12
11
10
987654321
b0
Abit
Bbit
Cbit
H/W reset
0
000
S/W reset
0
000
USB bus reset
0
000
<H/W reset : H'0000>
<S/W reset : ->
<USB bus reset : ->
b
Bit name
Function
R
W
15
Reserved.
0
-
14
A bit
(------------------------)
0: ------------------------
1: ------------------------
00
13
B bit
(------------------------)
0: ------------------------
1: ------------------------
00
12
C bit
(------------------------)
0: ------------------------
1: ------------------------
00


Similar Part No. - M66291HP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66291HP RENESAS-M66291HP Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
2004.11.01
More results

Similar Description - M66291HP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66291 RENESAS-M66291 Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
2004.11.01
M66291GP RENESAS-M66291GP_15 Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com