Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66291HP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M66291HP
Description  ASSP (USB2.0 Device Controller)
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66291HP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M66291HP Datasheet HTML 1Page - Renesas Technology Corp M66291HP Datasheet HTML 2Page - Renesas Technology Corp M66291HP Datasheet HTML 3Page - Renesas Technology Corp M66291HP Datasheet HTML 4Page - Renesas Technology Corp M66291HP Datasheet HTML 5Page - Renesas Technology Corp M66291HP Datasheet HTML 6Page - Renesas Technology Corp M66291HP Datasheet HTML 7Page - Renesas Technology Corp M66291HP Datasheet HTML 8Page - Renesas Technology Corp M66291HP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
M66291GP/HP
ASSP (USB2.0 Device Controller)
Rev 1.01 2004.11.01 page 1 of 122
REJ03F0125-0101Z
Rev1.01
2004.11.01
1 Overview
The M66291 is a general purpose USB (Universal Serial Bus) device controller compliant with the USB
Specification Revision 2.0 and supports full speed transfer. The USB transceiver circuit is included, and the M66291
meets all transfer types which are defined in the USB specification. The M66291 has FIFO of 3 Kbytes for data
transfer and can set 7 endpoints (maximum). Each endpoint can be set programmable of its transfer condition, so can
correspond to each device class transfer system of USB.
1.1 Features
USB Specification Revision 2.0 compliant
Supports Full Speed (12 Mbps) transfer
Built-in USB transceiver circuit
Built-in oscillation buffer (Supports 6M/12M/24 MHz of oscillator) and PLL at 48 MHz
Supports Vbus direct connection (5 V withstand voltage input), D+ pin pullup output
Supports all transfer type which is defined in the USB specification.(Control transfer / Bulk transfer / Interrupt
transfer / Isochronous transfer)
Low power consumption operation (Average 15 mA at operation)
Robust against signal distortion on USB transfer line due to SIE/DPLL(Digital Phase Lock Loop) of the original
design
Easy making enumeration program and timing design because hardware manages the device state / control
transfer state (transition timing)
Reduction of CPU load due to continuous transmit/receive mode (the mode for buffering several transaction data
into FIFO) This enables high performance and throughput improvement.
Up to 7 endpoints (EP0 to EP6) selectable
Data transfer condition selectable for each endpoint (EP1 to EP6)
Compatible to various applications (device class)
• Data transfer type
(Bulk transfer / Isochronous transfer / Interrupt transfer)
• Transfer direction
(IN, OUT)
• Packet size
Built-in FIFO buffer (3 Kbytes) for endpoints
Buffering conditions of FIFO memory settable per endpoint (EP1 to EP6)
• FIFO buffer size (up to 1Kbyte)
• Presence/Absence of double buffer configuration (setting of buffer size x 2)
Four pieces of configurable FIFO ports
• Endpoint number allocation
• Access method switching (CPU, DMAC)
• Bit width (8-bit / 16-bit)
• Endian switching
”Interrupt queuing function” that eliminates the need of complicated factor analysis
Connectable to various CPU/DMAC
• Bus width(8-bit / 16-bit)
• Interface voltage(2.7V to 5.5V)
• Interrupt signal and DMA control signal polarities settable
• Supports multi-word DMA (burst)
FIFO access cycle of maximum 24 Mbytes/sec
Applications
Support all PC peripheral built-in USB


Similar Part No. - M66291HP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66291HP RENESAS-M66291HP Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
2004.11.01
More results

Similar Description - M66291HP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66291 RENESAS-M66291 Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
2004.11.01
M66291GP RENESAS-M66291GP_15 Datasheet
937Kb / 128P
   ASSP (USB2.0 Device Controller)
M66591GP RENESAS-M66591GP_15 Datasheet
1,006Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
R8A66593 RENESAS-R8A66593 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
Jun 28,2013
R8A66593FP RENESAS-R8A66593FP Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
R8A66593FPBG RENESAS-R8A66593FPBG_15 Datasheet
1Mb / 144P
   ASSP (USB2.0 Peripheral Controller)
M66592FP RENESAS-M66592FP Datasheet
1Mb / 127P
   ASSP (USB2.0 Peripheral Controller)
M66592 RENESAS-M66592 Datasheet
1Mb / 129P
   ASSP (USB2.0 Peripheral Controller)
2004.10.01
M66591GP RENESAS-M66591GP Datasheet
950Kb / 133P
   ASSP (USB2.0 Peripheral Controller)
M66591 RENESAS-M66591 Datasheet
1,005Kb / 135P
   ASSP (USB2.0 Peripheral Controller)
Nov. 30, 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com