Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66311FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M66311FP
Description  16-Bit LED Driver with Shift Register and Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66311FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M66311FP Datasheet HTML 1Page - Renesas Technology Corp M66311FP Datasheet HTML 2Page - Renesas Technology Corp M66311FP Datasheet HTML 3Page - Renesas Technology Corp M66311FP Datasheet HTML 4Page - Renesas Technology Corp M66311FP Datasheet HTML 5Page - Renesas Technology Corp M66311FP Datasheet HTML 6Page - Renesas Technology Corp M66311FP Datasheet HTML 7Page - Renesas Technology Corp M66311FP Datasheet HTML 8Page - Renesas Technology Corp M66311FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
M66311P/FP
REJ03F0177-0201 Rev.2.01 Mar 31, 2008
Page 5 of 9
Electrical Characteristics
(VCC = 4.5 to 5.5V, unless otherwise noted)
Limits
Ta
= 25°C
Ta
= −40 to +85°C
Item
Sy
mb
ol
Min
Typ
Max
Min
Max
Unit
Conditions
Positive-going
threshold
voltage
VT+
0.35
×V
CC
0.7
×V
CC
0.35
×V
CC
0.7
×V
CC
V
VO = 0.1 V, VCC−0.1 V
I
O = 20 µA
Negative-going
threshold
voltage
VT–
0.2
×V
CC
0.55
×V
CC
0.2
×V
CC
0.55
×V
CC
V
VO = 0.1 V, VCC−0.1 V
I
O = 20 µA
0.1
0.1
IOL = 20 µA
0.44
0.53
IOL = 24 mA
Low-level
output voltage
Q
A to QP
VOL
0.73
0.94
V
VI = VT+, VT–
VCC = 4.5 V
IOL = 40 mA
(Note)
VCC−0.1
VCC−0.1
IOH = −20 µA
High-level
output voltage
SQP
VOH
3.83
3.66
V
VI = VT+, VT–
VCC = 4.5 V
IOH = −4 mA
0.1
0.1
IOL = 20 µA
Low-level
output voltage
SQP
VOL
0.44
0.53
V
VI = VT+, VT–
VCC = 4.5 V
IOL = 4 mA
High-level input
current
IIH
0.5
5.0
µA
VI = VCC, VCC = 5.5 V
Low-level input
current
IIL
−0.5
−5.0
µA
VI = GND, VCC = 5.5 V
1.0
10.0
VO = VCC
Maximum
output leakage
current
Q
A to
Q
P
IO
−1.0
−10.0
µA
VI = VT+, VT–
VCC = 5.5 V
VO = GND
Quiescent
supply current
ICC
20.0
200.0
µA
VI = VCC, GND, VCC = 5.5 V
Note:
M66311 is used under the condition of an output current IOL = 40 mA, the number of simultaneous drive outputs
is restricted as shown in the Duty Cycle-IOL of Standard characteristics.


Similar Part No. - M66311FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66311FP MITSUBISHI-M66311FP Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
More results

Similar Description - M66311FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66310P RENESAS-M66310P Datasheet
169Kb / 10P
   16-Bit LED Driver with Shift Register and Latch
R8A66160DD RENESAS-R8A66160DD Datasheet
586Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
R8A66161DD RENESAS-R8A66161DD Datasheet
682Kb / 8P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
logo
Mitsubishi Electric Sem...
M66310P MITSUBISHI-M66310P Datasheet
221Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66311P MITSUBISHI-M66311P Datasheet
213Kb / 5P
   16-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
M66503ASP MITSUBISHI-M66503ASP Datasheet
114Kb / 8P
   16-BIT CONSTANT CURRENT LED DRIVER with SHIFT REGISTER AND LATCH
logo
Renesas Technology Corp
R8A66162SP RENESAS-R8A66162SP Datasheet
476Kb / 8P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH
M66313FP RENESAS-M66313FP Datasheet
157Kb / 10P
   32-Bit LED Driver with Shift Register and Latch
logo
Mitsubishi Electric Sem...
M66313FP MITSUBISHI-M66313FP Datasheet
215Kb / 6P
   32-BIT LED DRIVER WITH SHIFT REGISTER AND LATCH?
logo
Marktech Corporate
TB62708N MARKTECH-TB62708N Datasheet
305Kb / 9P
   16 Bit Constant Current LED Source Driver with Shift Register and Latch Functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com