Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62352FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M62352FP
Description  8-bit 12ch D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62352FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M62352FP Datasheet HTML 1Page - Renesas Technology Corp M62352FP Datasheet HTML 2Page - Renesas Technology Corp M62352FP Datasheet HTML 3Page - Renesas Technology Corp M62352FP Datasheet HTML 4Page - Renesas Technology Corp M62352FP Datasheet HTML 5Page - Renesas Technology Corp M62352FP Datasheet HTML 6Page - Renesas Technology Corp M62352FP Datasheet HTML 7Page - Renesas Technology Corp M62352FP Datasheet HTML 8Page - Renesas Technology Corp M62352FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M62352P/FP/GP
REJ03D0868-0300 Rev.3.00 Mar 25, 2008
Page 2 of 9
Pin Arrangement
VSS
(VrefL)
GND
AO3
AO2
AO4
AO1
CLK
DO
AO12
AO11
VDD
(VrefU)
VCC
LD
DI
AO5
AO6
AO7
AO8
AO9
AO10
M62352P/FP/GP
(Top view)
Outline: PRDP0020BA-A (20P4B)
PRSP0020DA-A (20P2N-A)
20P2E-A
4
1
2
3
5
17
20
19
18
16
6
7
15
14
813
912
10
11
Pin Description
Pin No.
Pin Name
Function
17
DI
Serial data input terminal
14
DO
Serial data output terminal
16
CLK
Serial clock input terminal
15
LD
LD terminal input high level then latch circuit data load
18
AO1
19
AO2
2
AO3
3
AO4
4
AO5
5
AO6
6
AO7
7
AO8
8
AO9
9
AO10
12
AO11
13
AO12
8-bit D/A converter output terminal
11
VCC
Power supply terminal
20
GND
Digital and analog common GND
10
VDD
D/A converter upper reference voltage input terminal
1
VSS
D/A converter lower reference voltage input terminal


Similar Part No. - M62352FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352FP MITSUBISHI-M62352FP Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62352FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62398P RENESAS-M62398P Datasheet
2Mb / 8P
   8-BIT 12CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com