Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62354P Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M62354P
Description  8-bit 6ch D/A Converter with Buffer Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62354P Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M62354P Datasheet HTML 2Page - Renesas Technology Corp M62354P Datasheet HTML 3Page - Renesas Technology Corp M62354P Datasheet HTML 4Page - Renesas Technology Corp M62354P Datasheet HTML 5Page - Renesas Technology Corp M62354P Datasheet HTML 6Page - Renesas Technology Corp M62354P Datasheet HTML 7Page - Renesas Technology Corp M62354P Datasheet HTML 8Page - Renesas Technology Corp M62354P Datasheet HTML 9Page - Renesas Technology Corp M62354P Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
M62354P/FP/GP
REJ03D0872-0300 Rev.3.00 Mar 25, 2008
Page 6 of 9
Digital Data Format
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DAC select
data
DAC data
First
MSB
Last
LSB
DAC Data
D0
D1
D2
D3
D4
D5
D6
D7
D/A Output
0
0
0
0
0
0
0
0
(VrefU – VrefL) / 256
× 1 + VrefL
1
0
0
0
0
0
0
0
(VrefU – VrefL) / 256
× 2 + VrefL
0
1
0
0
0
0
0
0
(VrefU – VrefL) / 256
× 3 + VrefL
1
1
0
0
0
0
0
0
(VrefU – VrefL) / 256
× 4 + VrefL
:
:
:
:
:
:
:
:
:
0
1
1
1
1
1
1
1
(VrefU – VrefL) / 256
× 255 + VrefL
1
1
1
1
1
1
1
1
VrefU
Note:
VrefU = VDD, VrefL = VSS
DAC Select Data
D8
D9
D10
D11
DAC Selection
0
0
0
0
Don't care
0
0
0
1
AO1 selection
0
0
1
0
AO2 selection
0
0
1
1
AO3 selection
0
1
0
0
AO4 selection
0
1
0
1
AO5 selection
0
1
1
0
AO6 selection
0
1
1
1
Don't care
1
0
0
0
Don't care
1
0
0
1
Don't care
1
0
1
0
Don't care
1
0
1
1
Don't care
1
1
0
0
Don't care
1
1
0
1
Don't care
1
1
1
0
Don't care
1
1
1
1
Don't care
Timing Chart (Model)
LD
CLK
DI
D/A
output
D2
D1
D0
D8
D9
D10
D11
MSB
LSB
.............
..................


Similar Part No. - M62354P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
More results

Similar Description - M62354P

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20166NPSA RENESAS-R2A20166NPSA_15 Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62361FP MITSUBISHI-M62361FP Datasheet
93Kb / 8P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
   3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62368GP RENESAS-M62368GP Datasheet
90Kb / 8P
   3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62342P MITSUBISHI-M62342P Datasheet
24Kb / 5P
   8-BIT 2CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com