Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62366GP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M62366GP
Description  3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62366GP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M62366GP Datasheet HTML 1Page - Renesas Technology Corp M62366GP Datasheet HTML 2Page - Renesas Technology Corp M62366GP Datasheet HTML 3Page - Renesas Technology Corp M62366GP Datasheet HTML 4Page - Renesas Technology Corp M62366GP Datasheet HTML 5Page - Renesas Technology Corp M62366GP Datasheet HTML 6Page - Renesas Technology Corp M62366GP Datasheet HTML 7Page - Renesas Technology Corp M62366GP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
M62366GP
REJ03D0876-0300 Rev.3.00 Mar 25, 2008
Page 4 of 7
Electrical Characteristics
<Digital Part>
(VCC, VrefU = +3 V ± 10%, VCC ≥ VrefU, GND, VrefL = 0 V, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Supply voltage
VCC
2.7
3.0
3.6
V
Circuit current
ICC
1.5
3.5
mA
CLK = 1 MHz operation,
VCC = 3 V, IAO = 0 µA
Input leak current
IILK
–10
10
µA
VIN = 0 to VCC
Input low voltage
VIL
0.2 VCC
V
Input high voltage
VIH
0.8 VCC
V
Output low voltage
VOL
0.4
V
IOL = 2.5 mA
Output high voltage
VOH
VCC – 0.4
V
IOH = –400 µA
Note:
The standard values are obtained at Ta = 25
°C
<Analog Part>
(VCC, VrefU = +3 V ± 10%, VCC ≥ VrefU, Ta = –20 to +85°C, unless otherwise noted.)
Limits
Item
Symbol
Min
Typ
Max
Unit
Conditions
Current dissipation
IrefU
1.4
2.5
mA
VrefU = 3 V, VrefL = 0 V
Data condition: at maximum current
D/A converter upper
reference voltage range
VrefU
0.7 VCC
VCC
V
D/A converter lower
reference voltage range
VrefL
GND
0.3 VCC
V
Reference voltage cannot always
be set to any value in this range,
because it is restricted to the buffer
amplifier output voltage range.
0.1
VCC – 0.1
V
IAO = ±100 µA
Buffer amplifier output
driver voltage range
VAO
0.2
VCC – 0.2
V
IAO = +500 µA
–200
µA
Buffer amplifier output
voltage range
IAO
–0.3
1
mA
Upper saturation voltage = 0.4 V
Lower saturation voltage = 0.4 V
Differential nonlinearity
error
SDL
–1.0
1.0
LSB
Nonlinearity error
SL
–1.5
1.5
LSB
Zero code error
SZERO
–2
2
LSB
Full scale error
SFULL
–2
2
LSB
VCC = 2.760 V
VrefU = 2.610 V
VrefL = 0.050 V (10 mV/LSB)
Without load (IAO = ±0)
Output capacitive load
CO
0.1
µF
Buffer amplifier output
impedance
RO
5


Similar Part No. - M62366GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62366GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62352P MITSUBISHI-M62352P Datasheet
55Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352P RENESAS-M62352P Datasheet
140Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62358P RENESAS-M62358P Datasheet
2Mb / 7P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Mitsubishi Electric Sem...
M62358P MITSUBISHI-M62358P Datasheet
62Kb / 6P
   8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20169NPSASP RENESAS-R2A20169NPSASP_15 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP_13 Datasheet
299Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
M62352P RENESAS-M62352P_15 Datasheet
296Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62366GP MITSUBISHI-M62366GP Datasheet
50Kb / 5P
   3V TYPE 8-BIT 12CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62352AGP RENESAS-M62352AGP Datasheet
136Kb / 9P
   8-bit 12ch D/A Converter with Buffer Amplifiers
R2A20169NP RENESAS-R2A20169NP Datasheet
394Kb / 10P
   8-bit 12ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com