Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62368GP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M62368GP
Description  3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62368GP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M62368GP Datasheet HTML 1Page - Renesas Technology Corp M62368GP Datasheet HTML 2Page - Renesas Technology Corp M62368GP Datasheet HTML 3Page - Renesas Technology Corp M62368GP Datasheet HTML 4Page - Renesas Technology Corp M62368GP Datasheet HTML 5Page - Renesas Technology Corp M62368GP Datasheet HTML 6Page - Renesas Technology Corp M62368GP Datasheet HTML 7Page - Renesas Technology Corp M62368GP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REJ03D0878-0201 Rev.2.01 Dec 27, 2007
Page 1 of 7
M62368GP
3 V Type 8-bit 6ch D/A Converter with Buffer Amplifiers
REJ03D0878-0201
Rev.2.01
Dec 27, 2007
Description
The M62368GP is a CMOS semiconductor IC, containing 6 channels of 8-bit D/A converters. It is operable with a low
supply voltage between 2.7 to 3.6 V, and is easy to use due to serial data input, and 3-pin (DI, CLK, LD) connection
with microcomputer.
The IC also contains DO pin terminal, enabling cascade connection, and therefore is suitable for automatic control in
combination with a microcomputer.
Features
• Operable with a low voltage between 2.7 to 3.6 V
• 12-bit serial data input (connected via 3 pins: DI, CLK, LD)
• 6 channels of R-2R and segment type high-performance 8-bit D/A converters
• 6 buffer operational amplifiers with full swing of output voltage between V
CC and GND
• High oscillation stability against the capacitive load of buffer operational amplifiers
Application
Digital/analog conversion in industrial or home-use electronic equipment.
Automatic control in combination with EEPROM and microcomputer (Substitute for conventional semi-fixed resistor).
Block Diagram
D/A
L
Buffer
operational
amplifier
D/A
L
D/A
L
D/A
L
8-bit R-2R
+segment
D/A converter
8-bit
latch
Address
decoder
2
3
4
5
VCC
VDD
AO6
AO5
AO4
AO3
NC
NC
DO
LD
CLK
DI
AO1
AO2
Ch6
(6)
(6)
......
Ch1
8-bit R-2R
+segment
D/A converter
8-bit
latch
D11 10 9 8
D7 6 5 4 3 2 1 0
12-bit shift register
12
3
4
5
6
7
16
15
14
13
12
11
10
VSS
GND
8
9


Similar Part No. - M62368GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
   3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
More results

Similar Description - M62368GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62354P MITSUBISHI-M62354P Datasheet
53Kb / 6P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
R2A20166NPSA RENESAS-R2A20166NPSA_15 Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354P RENESAS-M62354P_15 Datasheet
122Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62354AGP RENESAS-M62354AGP Datasheet
99Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
R2A20166NP RENESAS-R2A20166NP Datasheet
353Kb / 9P
   8-bit 6ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62368GP MITSUBISHI-M62368GP Datasheet
45Kb / 5P
   3V TYPE 8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
M62361FP MITSUBISHI-M62361FP Datasheet
93Kb / 8P
   8-BIT 6CH D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62354P RENESAS-M62354P Datasheet
136Kb / 10P
   8-bit 6ch D/A Converter with Buffer Amplifiers
M62366GP RENESAS-M62366GP Datasheet
132Kb / 8P
   3 V Type 8-bit 12ch D/A Converter with Buffer Amplifiers
M62367GP RENESAS-M62367GP Datasheet
121Kb / 8P
   3 V Type 8-bit 8ch D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com