Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M62490FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M62490FP
Description  Electric Volume Control with Tone Controller for 4-Speaker Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62490FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M62490FP Datasheet HTML 1Page - Renesas Technology Corp M62490FP Datasheet HTML 2Page - Renesas Technology Corp M62490FP Datasheet HTML 3Page - Renesas Technology Corp M62490FP Datasheet HTML 4Page - Renesas Technology Corp M62490FP Datasheet HTML 5Page - Renesas Technology Corp M62490FP Datasheet HTML 6Page - Renesas Technology Corp M62490FP Datasheet HTML 7Page - Renesas Technology Corp M62490FP Datasheet HTML 8Page - Renesas Technology Corp M62490FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
M62490FP
Rev.2.00 Sep 14, 2006 page 5 of 10
Electrical Characteristics
Ta = 25
°C, V
CC = 8 V, VDD = 5 V, VOL/FADER = 0 dB, TONE/FLAT, Loudness OFF unless otherwise noted
Limits
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Circuit current
ICC
20
35
mA
No input signal
Pass gain
Gv
–3.5
0
3.5
dB
Outside resister 22 k
Ω of pin 4, 33
Outside resister 56 k
Ω of pin 2, 3, 34, 35
Maximum attenuation
ATT (VOL)
–32.5
–30
–27.5
dB
Vi = 1 Vrms, f = 1 kHz
ATT (VOL) = –30 dB
Attenuation error
∆A
TT (VOL)
–2.5
0
2.5
dB
ATT (VOL) = 0 dB
Maximum input voltage
VIM
1.8
2.2
Vrms
f = 1 kHz, BW: 400 Hz to 30 kHz
THD = 1%
Bass boost
G (Bass) B
13
16
19
dB
f = 100 Hz
Bass cut
G (Bass) C
–15
–12
–9
dB
f = 100 Hz
MID boost
G (MID) B
9
12
15
dB
f = 1 kHz (Outside harmonic amplifier)
MID cut
G (MID) C
–15
–12
–9
dB
f = 1 kHz (Outside harmonic amplifier)
Treble boost
G (Tre) B
9
12
15
dB
f = 10 kHz
Treble cut
G (Tre) C
–15
–12
–9
dB
f = 10 kHz
Maximum attenuation
ATT (FED)
–90
–80
dB
Vi = 1 Vrms, f = 1 kHz
ATT (FED) = –
∞ dB
Maximum output
voltage
VOM
1.8
2.2
Vrms
f = 1 kHz, BW: 400 Hz to 30 kHz
THD = 1%
Vno1
10
18
Rg = 0, DIN-AUDIO
Output noise voltage
Vno2
3
8
µVrms
ATT (VOL) = –30 dB
ATT (FED) = –
∞ dB
Rg = 0, DIN-AUDIO
Total harmonic
distortion
THD
0.03
0.05
%
f = 1 kHz, Vo = 0.5 Vrms
BW: 400 Hz to 30 kHz
Channel separation
CS
–90
–80
dB
f = 1 kHz
Cross talk of differential
amplifier SW
CT
–75
–65
dB
f = 1 kHz
G (LOUD) L
7.0
11.0
15.0
Loudness ON
f = 100 Hz, ATT (VOL) = –30 dB
Voltage gain of
loudness
G (LOUD) H
3.5
6.5
9.5
dB
Loudness ON
f = 10 kHz, ATT (VOL) = –30 dB


Similar Part No. - M62490FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
More results

Similar Description - M62490FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62490FP MITSUBISHI-M62490FP Datasheet
97Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
M62435FP MITSUBISHI-M62435FP Datasheet
96Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62435FP RENESAS-M62435FP Datasheet
141Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62440FP MITSUBISHI-M62440FP Datasheet
94Kb / 10P
   ELECTRIC VOLUME CONTROL WITH TONE CONTROLLER FOR 4-SPEAKER APPLICATIONS
logo
Renesas Technology Corp
M62440FP RENESAS-M62440FP Datasheet
155Kb / 11P
   Electric Volume Control with Tone Controller for 4-Speaker Applications
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
M61508FP MITSUBISHI-M61508FP Datasheet
3Mb / 22P
   THE ELECTRIC VOLUME of BUILD-IN NON FADER VOLUME with TONE CONTROL
logo
Renesas Technology Corp
M62421SP RENESAS-M62421SP Datasheet
205Kb / 14P
   Tone and Volume Controller with 2 Line Control
logo
Mitsubishi Electric Sem...
M61503FP MITSUBISHI-M61503FP Datasheet
89Kb / 11P
   TONE CONTROL/VOLUME CONTROL
logo
Renesas Technology Corp
M62495AFP RENESAS-M62495AFP Datasheet
167Kb / 12P
   TONE CONTROL/VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com