Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1EX24016ASA00I Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1EX24016ASA00I
Description  Two-wire serial interface 16k EEPROM (2-kword8-bit)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1EX24016ASA00I Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1EX24016ASA00I Datasheet HTML 5Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 6Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 7Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 8Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 9Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 10Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 11Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 12Page - Renesas Technology Corp R1EX24016ASA00I Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
R1EX24016Axx00I
Functional Description
Start Condition
A high-to-low transition of the SDA with the SCL high is needed in order to start read, write operation
(See start condition and stop condition).
Stop Condition
A low-to-high transition of the SDA with the SCL high is a stop condition. The stand-by operation starts
after a read sequence by a stop condition. In the case of write operation, a stop condition terminates the
write data inputs and place the device in a internally-timed write cycle to the memories. After the
internally-timed write cycle which is specified as t
WC, the device enters a standby mode (See write cycle
timing).
Start Condition and Stop Condition
SCL
SDA
(in)
Stop condition
Start condition
REJ03C0359-0001 Rev.0.01 Dec. 28, 2007
Page 9 of 20


Similar Part No. - R1EX24016ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24016ASA00A RENESAS-R1EX24016ASA00A Datasheet
170Kb / 22P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
More results

Similar Description - R1EX24016ASA00I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EX24016ASAS0A RENESAS-R1EX24016ASAS0A Datasheet
181Kb / 24P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASAS0I RENESAS-R1EX24016ASAS0I Datasheet
180Kb / 24P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASAS0A RENESAS-R1EX24016ASAS0A_15 Datasheet
400Kb / 26P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASA00A RENESAS-R1EX24016ASA00A Datasheet
170Kb / 22P
   Two-wire serial interface 16k EEPROM (2-kword 횞 8-bit)
HN58X2408SI RENESAS-HN58X2408SI Datasheet
151Kb / 19P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit) 16k EEPROM (2-kword 횞 8-bit)
R1EX24016ASAS0G RENESAS-R1EX24016ASAS0G_15 Datasheet
501Kb / 18P
   Two-wire serial interface 16k EEPROM (2-kword ??8-bit)
HN58X2408I RENESAS-HN58X2408I Datasheet
160Kb / 22P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
HN58X2408FPIAG RENESAS-HN58X2408FPIAG Datasheet
145Kb / 21P
   Two-wire serial interface 8k EEPROM (1-kword 횞 8-bit)/16k EEPROM (2-kword 횞 8-bit) 32k EEPROM (4-kword 횞 8-bit)/64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASAS0I RENESAS-R1EX24064ASAS0I_15 Datasheet
311Kb / 18P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
R1EX24064ASA00A RENESAS-R1EX24064ASA00A Datasheet
171Kb / 22P
   Two-wire serial interface 64k EEPROM (8-kword 횞 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com