Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38D28FCXXXHP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M38D28FCXXXHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38D28FCXXXHP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M38D28FCXXXHP Datasheet HTML 1Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 2Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 3Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 4Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 5Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 6Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 7Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 8Page - Renesas Technology Corp M38D28FCXXXHP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 136 page
background image
Rev.3.02
Apr 10, 2008
Page 3 of 131
REJ03B0177-0302
38D2 Group
NOTE:
1. 12.5 MHz < f(XIN)
≤ 16 MHz is not available in the frequency/2 mode.
Table 1
Performance overview
Parameter
Function
Number of basic instructions
71
Instruction execution time
0.32
μs (Minimum instruction, Oscillation frequency 12.5 MHz)
Oscillation frequency
16 MHz (Maximum)(1)
Memory sizes
(QzROM version)
ROM
16 K to 60 K bytes
RAM
640 to 2048 bytes
Memory sizes
(Flash memory version)
ROM
60 K bytes
RAM
2048 bytes
I/O port
P0-P5, P60-P62
8-bit
× 6, 3-bit × 1 (24 pins sharing SEG)
Interrupt
18 sources, 16 vectors (includes key input interrupt)
Timer
8-bit
× 4, 16-bit × 2
Serial Interface
8-bit
× 2 (UART or Clock-synchronized)
PWM
10-bit
× 2, 16-bit × 1 (common to IGBT output)
A/D converter
10-bit
× 8 (operated in low-speed mode)
Watchdog timer
8-bit
× 1
ROM correction function
32 bytes
× 2 vectors
LED direct drive port
8 (average current: 15 mA, peak current: 30 mA, total current: 90 mA)
LCD drive control
circuit
Bias
1/2, 1/3
Duty
2, 3, 4
Common output
4
Segment output
24
Main clock generating circuits
Built-in (connect to external ceramic resonator or on-chip oscillator)
Sub-clock generating circuits
Built-in (connect to external quartz-crystal oscillator)
Power source voltage
(QzROM version)
In frequency/2 mode
(1)
f(XIN)
≤ 12.5 MHz 4.5 to 5.5 V
f(XIN)
≤ 8 MHz
4.0 to 5.5 V
f(XIN)
≤ 4 MHz
2.0 to 5.5 V
f(XIN)
≤ 2 MHz
1.8 to 5.5 V
In frequency/4 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.0 to 5.5 V
f(XIN)
≤ 4 MHz
1.8 to 5.5 V
In frequency/8 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.0 to 5.5 V
f(XIN)
≤ 4 MHz
1.8 to 5.5 V
In low-speed mode
1.8 to 5.5 V
Power source voltage
(Flash memory version)
In frequency/2 mode
(1)
f(XIN)
≤ 12.5 MHz 4.5 to 5.5 V
f(XIN)
≤ 8 MHz
4.0 to 5.5 V
f(XIN)
≤ 4 MHz
2.7 to 5.5 V
In frequency/4 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.7 to 5.5 V
In frequency/8 mode
f(XIN)
≤ 16 MHz
4.5 to 5.5 V
f(XIN)
≤ 8 MHz
2.7 to 5.5 V
In low-speed mode
2.7 to 5.5 V
Power dissipation
(QzROM version)
In frequency/2 mode
Std. 32 mW (Vcc = 5 V, f(XIN) = 12.5 MHz, Ta = 25
°C)
In low-speed mode
Std. 18
μW (Vcc = 2.5 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25°C)
Power dissipation
(Flash memory version)
In frequency/2 mode
Std. 20 mW (Vcc = 5 V, f(XIN) = 12.5 MHz, Ta = 25
°C)
In low-speed mode
Std. 1.1 mW (Vcc = 2.7 V, f(XIN) = stop, f(XCIN) = 32 kHz, Ta = 25
°C)
Input/Output
characteristics
Input/Output withstand voltage
VCC
Output current
10 mA
Operating temperature range
-20 to 85
°C
Device structure
CMOS silicon gate
Package
64-pin plastic molded LQFP


Similar Part No. - M38D28FCXXXHP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38D50F1-XXXFP RENESAS-M38D50F1-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1-XXXHP RENESAS-M38D50F1-XXXHP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXFP RENESAS-M38D50F1XXXFP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F1XXXHP RENESAS-M38D50F1XXXHP Datasheet
1Mb / 142P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38D50F2-XXXFP RENESAS-M38D50F2-XXXFP Datasheet
2Mb / 141P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38D28FCXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com