Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD15LD74ANPT0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RD15LD74ANPT0
Description  8-bit D-type Flip-Flop Driver (with Clear)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD15LD74ANPT0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RD15LD74ANPT0 Datasheet HTML 1Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 2Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 3Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 4Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 5Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 6Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 7Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 8Page - Renesas Technology Corp RD15LD74ANPT0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
REJ03D0894-0300 Rev.3.00 Feb 29, 2008
Page 1 of 9
RD15LD74AP, RD15LD74ANP, RD15LD74AT
8-bit D-type Flip-Flop Driver (with Clear)
REJ03D0894-0300
Rev.3.00
Feb 29, 2008
Description
RD15LD74AP, RD15LD74ANP, RD15LD74AT have eight D-type flip-flop drivers and high voltage NMOS output
(open drain output) in a 20 pin package. Each bit, there are a common clear and clock input. The input signal is output
with the rising edge of clock signals. The voltage of maximum 15 V can be impressed to the drain-source voltage.
Features
• Application of amusement equipment.
• Output voltage : V
DS (max) = 15 V
• Output current : I
DS (max) = 200 mA (par pin)
• Supply voltage range : 3.0 to 5.5 V
• Operating temperature range : –20 to +85 °C
• Quiescent supply current : 5 µA max.
• Low input current : 1 µA max.
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Packing Abbreviation
(Quantity)
Surface
Treatment
RD15LD74APT0
SDIP-20 pin
PRDP0020BA-A
(20P4B)
P
T (1,125 pcs/box)
0 (Sn-Cu)
RD15LD74ANPT0
DILP-20 pin
PRDP0020AC-B
(DP-20NEV)
P
T (1,000 pcs/box)
0 (Ni/Pd/Au)
RD15LD74ATH0
TSSOP-20 pin
PTSP0020JB-A
(TTP-20DAV)
T
H (2,000 pcs/reel)
0 (Ni/Pd/Au)
Note:
Please consult the sales office for the above package availability.
Pin Arrangement
VCC
Y0
Y1
Y2
Y3
Y4
CLR
D5
D0
D1
D2
D3
D4
Y5
(Top view)
17
18
19
20
1
2
3
4
5
6
7
14
15
16
Y6
Y7
CLK
D6
D7
GND
8
9
10
11
12
13


Similar Part No. - RD15LD74ANPT0

ManufacturerPart #DatasheetDescription
logo
NEC
RD150E NEC-RD150E Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB NEC-RD150EB Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
logo
SEMTECH ELECTRONICS LTD...
RD150EB SEMTECH_ELEC-RD150EB Datasheet
477Kb / 8P
   ZENER DIODES
logo
NEC
RD150EB1 NEC-RD150EB1 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
RD150EB2 NEC-RD150EB2 Datasheet
95Kb / 12P
   500 mW DHD ZENER DIODE DO-35
More results

Similar Description - RD15LD74ANPT0

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M81016P MITSUBISHI-M81016P Datasheet
110Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81016P MITSUBISHI-M81016P_09 Datasheet
114Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
M81049P MITSUBISHI-M81049P Datasheet
116Kb / 8P
   OCTAL D-TYPE FLIP-FLOP DRIVER WITH CLEAR
logo
Toshiba Semiconductor
TC7PA175FU TOSHIBA-TC7PA175FU Datasheet
190Kb / 8P
   D-Type Flip-Flop with Clear
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
   HEX D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
   HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
   Hex D-Type Flip-Flop with Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com