Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0366DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK0366DPA
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0366DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK0366DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0366DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0366DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0366DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0366DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0366DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0366DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK0366DPA
REJ03G1656-0600 Rev.6.00 Aug 05, 2008
Page 2 of 6
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
± 0.1
µA
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
8.5
11.1
m
ID = 12.5 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
12.0
16.8
m
ID = 12.5 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
50
S
ID = 12.5 A, VDS = 10 V
Note4
Input capacitance
Ciss
1010
pF
Output capacitance
Coss
190
pF
Reverse transfer capacitance
Crss
75
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.1
Total gate charge
Qg
6.8
nC
Gate to source charge
Qgs
2.5
nC
Gate to drain charge
Qgd
1.5
nC
VDD = 10 V
VGS = 4.5 V
ID = 12.5 A
Turn-on delay time
td(on)
5.0
ns
Rise time
tr
3.6
ns
Turn-off delay time
td(off)
33
ns
Fall time
tf
4.2
ns
VGS = 10 V, ID = 12.5 A
VDD
≅ 10 V
RL = 0.8
Rg = 4.7
Body–drain diode forward voltage
VDF
0.89
1.16
V
IF = 25 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
20
ns
IF =25 A, VGS = 0
diF/ dt = 100 A/
µs
Notes: 4. Pulse test


Similar Part No. - RJK0366DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0366DPA-02 RENESAS-RJK0366DPA-02 Datasheet
131Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0366DPA-02 RENESAS-RJK0366DPA-02 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0366DPA-02-J0 RENESAS-RJK0366DPA-02-J0 Datasheet
131Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0366DPA-02-J0B RENESAS-RJK0366DPA-02-J0B Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0366DPA-02 RENESAS-RJK0366DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - RJK0366DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2299WP RENESAS-HAT2299WP Datasheet
108Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
HAT2142H RENESAS-HAT2142H Datasheet
125Kb / 12P
   Silicon N Channel Power MOS FET Power Switching
HAT2171H RENESAS-HAT2171H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2183WP RENESAS-HAT2183WP_15 Datasheet
111Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2184WP RENESAS-HAT2184WP_15 Datasheet
130Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2169H RENESAS-HAT2169H_15 Datasheet
108Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2096H RENESAS-HAT2096H_15 Datasheet
104Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2193WP RENESAS-HAT2193WP_15 Datasheet
121Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_15 Datasheet
112Kb / 10P
   Silicon N Channel Power MOS FET Power Switching
HAT2201R RENESAS-HAT2201R_16 Datasheet
216Kb / 9P
   Silicon N Channel Power MOS FET Power Switching
RJK0211DPA RENESAS-RJK0211DPA Datasheet
71Kb / 4P
   Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com