Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK1021DPE-00-J3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK1021DPE-00-J3
Description  N-Channel Power MOSFET High-Speed Switching Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1021DPE-00-J3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK1021DPE-00-J3 Datasheet HTML 1Page - Renesas Technology Corp RJK1021DPE-00-J3 Datasheet HTML 2Page - Renesas Technology Corp RJK1021DPE-00-J3 Datasheet HTML 3Page - Renesas Technology Corp RJK1021DPE-00-J3 Datasheet HTML 4Page - Renesas Technology Corp RJK1021DPE-00-J3 Datasheet HTML 5Page - Renesas Technology Corp RJK1021DPE-00-J3 Datasheet HTML 6Page - Renesas Technology Corp RJK1021DPE-00-J3 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK1021DPE
REJ03G1630-0100 Rev.1.00 Apr 03, 2008
Page 3 of 6
Main Characteristics
120
100
80
60
40
20
0
50
100
150
200
100
80
60
40
20
0
24
6
8
10
100
80
60
40
20
0
24
6
8
10
Case Temperature Tc (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
30
25
20
15
10
04
8
12
16
20
1
10
100
10
100
1
Gate to Source Voltage VGS (V)
Drain to Source on State Resistance vs.
Gate to Source Voltage
Drain Current ID (A)
Drain to Source on State Resistance
vs. Drain Current
35
ID = 70 A
35 A
Pulse Test
VGS = 10 V
Pulse Test
100
10
1
0.1
1
10
1000
0.01
0.1
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
100
Ta = 25
°C
100
µs
10
µs
Operation in this
area is limited by
R
DS(on)
PW = 10 ms
(1shot)
DC Operation
(Tc = 25
°C)
VGS = 4 V
Pulse Test
4.6 V
5 V
6 V
8 V
10 V
Tc = 75
°C
25
°C
−25°C
VDS = 10 V
Pulse Test
10 A


Similar Part No. - RJK1021DPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1021DPN RENESAS-RJK1021DPN Datasheet
106Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1021DPN-00-00 RENESAS-RJK1021DPN-00-00 Datasheet
106Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1021DPN RENESAS-RJK1021DPN_15 Datasheet
126Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
More results

Similar Description - RJK1021DPE-00-J3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1008DPP-E0 RENESAS-RJK1008DPP-E0 Datasheet
90Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPN RENESAS-RJK1008DPN_15 Datasheet
126Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1021DPN RENESAS-RJK1021DPN Datasheet
106Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPN RENESAS-RJK1008DPN Datasheet
107Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPE RENESAS-RJK1536DPE Datasheet
114Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPE RENESAS-RJK1536DPE_10 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPP RENESAS-RJK1008DPP Datasheet
107Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN Datasheet
117Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1536DPN RENESAS-RJK1536DPN_15 Datasheet
85Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPE RENESAS-RJK1008DPE_15 Datasheet
128Kb / 9P
   N-Channel Power MOSFET High-Speed Switching Use
RJK1008DPE RENESAS-RJK1008DPE Datasheet
104Kb / 7P
   N-Channel Power MOSFET High-Speed Switching Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com