Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD151TS201ATEL Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD151TS201ATEL
Description  Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS201ATEL Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD151TS201ATEL Datasheet HTML 5Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 6Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 7Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 8Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 9Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 10Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 11Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 12Page - Renesas Technology Corp HD151TS201ATEL Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HD151TS201AT
Rev.1.00, Oct.21.2003, page 9 of 28
I
2C Controlled Register Bit Map (cont.)
Byte2 PCI clock enable Register
Bit
Description
Contents
Default
7
(Reserved)
0
6
PCI6 Enable register
1
5
PCI5 Enable register
1
4
PCI4 Enable register
1
3
PCI3 Enable register
1
2
PCI2 Enable register
1
1
PCI1 Enable register
1
0
PCI0 Enable register
“1” = Enabled
“0” = Disabled
(Each PCI clock stops “Low”)
1
Byte3 PCIF & USB, DOT enable Register
Bit
Description
Contents
Default
7
DOT output enable
1 = Enable, 0 = Disable (DC Low fixed)
1
6
USB output enable
1 = Enable, 0 = Disable (DC Low fixed)
1
5
Control of PCIF2 with PCISTOP#
0
4
Control of PCIF1 with PCISTOP#
0
3
Control of PCIF0 with PCISTOP#
“1” = Not Free running.
When this bit is “1”, PCIF outputs are stopped by
PCISTOP# pin.
“0” = Free running.
0
2
PCIF2 output enable
1 = Enable, 0 = Disable (DC Low fixed)
1
1
PCIF1 output enable
1 = Enable, 0 = Disable (DC Low fixed)
1
0
PCIF0 output enable
1 = Enable, 0 = Disable (DC Low fixed)
1
Byte4 66OUT, 3V66 Enable Register
Bit
Description
Contents
Default
7
Reserved
0
6
Reserved
0
5
3V66_0 Enable
1 = Enable, 0 = Disable (DC Low fixed)
1
4
3V66_1/VCH Enable
1 = Enable, 0 = Disable (DC Low fixed)
1
3
3V66_5 Enable
1 = Enable, 0 = Disable (DC Low fixed)
1
2
66OUT2/3V66_4 Enable
1 = Enable, 0 = Disable (DC Low fixed)
1
1
66OUT1/3V66_3 Enable
1 = Enable, 0 = Disable (DC Low fixed)
1
0
66OUT0/3V66_2 Enable
1 = Enable, 0 = Disable (DC Low fixed)
1


Similar Part No. - HD151TS201ATEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
More results

Similar Description - HD151TS201ATEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151TS207SS RENESAS-HD151TS207SS Datasheet
210Kb / 38P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
   Mother Board Clock Generator for Intel P4 Chipset (Springdale)
logo
Winbond
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
   CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
logo
SpectraLinear Inc
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
   Clock Generator for Intel Grantsdale Chipset
logo
Cypress Semiconductor
CY28441 CYPRESS-CY28441 Datasheet
261Kb / 20P
   Clock Generator for Intel Alviso Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
   Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
   Clock Generator for Intel Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com