Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD40L4019RH Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD40L4019RH
Description  CMOS 4-bit single-chip microcomputers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD40L4019RH Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD40L4019RH Datasheet HTML 4Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 5Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 6Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 7Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 8Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 9Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 10Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 11Page - Renesas Technology Corp HD40L4019RH Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
HD404019R Series
6
Pin Functions
Power Supply
V
CC: Apply the power supply voltage to this pin.
GND: Connect to ground.
V
disp: Power supply pin (multiplexed with RA1) for high-voltage I/O pins with a maximum voltage of 40 V
(V
CC – 40 V). For details, see the Input/Output section.
TEST: For test purposes only. Connect it to V
CC.
RESET: Resets the MCU. For details, see the Reset section.
Oscillators
OSC
1, OSC2: OSC1 and OSC2 can be connected to a crystal resonator, ceramic resonator or an external
oscillator circuit. For details, see the Internal Oscillator Circuit section.
Ports
D
0 to D15 (D Port): An input/output port addressed by bits. These 16 pins are all input/output pins. D0 to D3
are standard pins and D
4 to D15 are high-voltage pins. The circuit type for each pin can be selected using a
mask option. For details, see the Input/Output section.
R0 to RA
1 (R Ports): R0 to R9 are 4-bit I/O ports. Only RA is a 2-bit port. R9 and RA are input ports, and
R0 to R8 are I/O ports. R0, R1, R2, and RA are high-voltage ports, and R3 to R9 are standard ports. Each
pin has a mask option which selects its circuit type. The pins R3
2, R33, R40, R4 1, and R42 are multiplexed
with
INT
0, INT1, SCK , SI, and SO, respectively. For details, see the Input/Output
section.
Interrupts
INT
0, INT1: External interrupts for the MCU. INT1 can be used as an external event input pin for timer B.
INT
0 and INT1 are multiplexed with R32 and R33, respectively. For details, see the Interrupt section.
Serial Interface
SCK, SI, SO: The transmit clock I/O pin (SCK), serial data input pin (SI), and serial data output pin (SO)
are used for serial interface.
SCK, SI, and SO are multiplexed with R4
0, R41, and R42, respectively. For
details, see the Serial Interface section.


Similar Part No. - HD40L4019RH

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD40L4201FP HITACHI-HD40L4201FP Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
HD40L4201FT HITACHI-HD40L4201FT Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
HD40L4201S HITACHI-HD40L4201S Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
HD40L4202FP HITACHI-HD40L4202FP Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
HD40L4202FT HITACHI-HD40L4202FT Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
More results

Similar Description - HD40L4019RH

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7507 NEC-UPD7507 Datasheet
832Kb / 19P
   4 BIT SINGLE CHIP CMOS MICROCOMPUTERS
logo
Hitachi Semiconductor
HD404019 HITACHI-HD404019 Datasheet
3Mb / 69P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD7556 NEC-UPD7556 Datasheet
1Mb / 22P
   4-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS WITH COMPARATOR
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com