Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4074019C Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD4074019C
Description  CMOS 4-bit single-chip microcomputers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4074019C Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD4074019C Datasheet HTML 1Page - Renesas Technology Corp HD4074019C Datasheet HTML 2Page - Renesas Technology Corp HD4074019C Datasheet HTML 3Page - Renesas Technology Corp HD4074019C Datasheet HTML 4Page - Renesas Technology Corp HD4074019C Datasheet HTML 5Page - Renesas Technology Corp HD4074019C Datasheet HTML 6Page - Renesas Technology Corp HD4074019C Datasheet HTML 7Page - Renesas Technology Corp HD4074019C Datasheet HTML 8Page - Renesas Technology Corp HD4074019C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
HD404019R Series
3
Differences between ZTAT
™ and Mask ROM Version
ZTAT
Mask ROM Version
Item
HD4074019
HD407L4019
HD404019R
HD40L4019R
Power supply
voltage (V)
4.5 to 5.5 V
3.0 to 5.5 V
3.5 to 6.0 V
2.7 to 6.0 V
Instruction cycle
time (t
cyc )
0.89 to 20
µs
1.12 to 20
µs
0.89 to 10
µs
1.12 to 10
µs
ROM (word)
16,384
× 10-bit
16,384
× 10-bit 16,384 × 10-bit
16,384
× 10-bit
RAM
992
× 4-bit
992
× 4-bit
992
× 4-bit
992
× 4-bit
I/O pin circuit*
1
Standard pins
NMOS open drain NMOS open
drain
Each pin can be without pull-up
MOS (NMOS open drain), with
pull-up MOS, or CMOS
High voltage
pins
PMOS open drain PMOS open
drain
Each pin can be without pull-down
MOS (PMOS open drain) or with
pull-down MOS
Oscillator
stabilization*
2
Crystal
Available
Available
Available
Available
Ceramic
Available
Available
Available
Available
Package
DP-64S
Available
Available
Available
Available
FP-64A
Available
Available
Available
Available
FP-64B
Available
Available
DC-64S
Available
—:
Not available
Notes: 1. See table 17.
2. See table 20.


Similar Part No. - HD4074019C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD4074019C HITACHI-HD4074019C Datasheet
3Mb / 69P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS
More results

Similar Description - HD4074019C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD7507 NEC-UPD7507 Datasheet
832Kb / 19P
   4 BIT SINGLE CHIP CMOS MICROCOMPUTERS
logo
Hitachi Semiconductor
HD404019 HITACHI-HD404019 Datasheet
3Mb / 69P
   CMOS 4-BIT SINGLE-CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
NEC
UPD7556 NEC-UPD7556 Datasheet
1Mb / 22P
   4-BIT, SINGLE-CHIP CMOS MICROCOMPUTERS WITH COMPARATOR
logo
Sanyo Semicon Device
LC866000A SANYO-LC866000A Datasheet
84Kb / 2P
   CMOS 8-Bit Single-Chip Microcomputers
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com