Electronic Components Datasheet Search |
|
HD404054S Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
HD404054S Datasheet(HTML) 9 Page - Renesas Technology Corp |
9 / 103 page HD404054 Series/HD404094 Series 7 0 $000 $000 64 80 576 960 1023 $040 $050 4 5 6 7 0 3 12 13 14 15 8 9 11 16 17 32 35 18 19 20 63 $003 $004 $005 $006 $007 $008 $009 $00B $00C $00D $00E $00F $010 $011 $012 $013 $014 $020 $023 $032 $033 $034 $035 $03F $00E $00F W W R/W W W W W W W W W W W W R R W R/W R/W R/W $3C0 $240 RAM-mapped registers Memory registers (MR) Data (432 digits) Stack (64 digits) Interrupt control bits area Port mode register A Serial mode register 1A Serial data register 1 lower Serial data register 1 upper Timer mode register A Miscellaneous register Timer mode register C1 Timer C Timer mode register D2 Register flag area Port R0 DCR Port R1 DCR Port R2 DCR Port R3 DCR Port D to D DCR Port D to D DCR Port D and D DCR 0 3 47 89 14 15 Timer read register C lower Timer read register C upper Timer write register C lower Timer write register C upper $090 R: W: R/W: Read only Write only Read/Write $011 $012 W W R R 17 18 Timer read register D lower Timer read register D upper Timer write register D lower Timer write register D upper 144 W Timer mode register D1 R/W R/W Timer D Timer mode register C2 21 $015 22 $016 R Compare data register 23 $017 36 $024 37 $025 38 $026 39 $027 40 $028 41 $029 42 $02A 43 $02B 24 25 31 $018 $019 $01F $3FF Compare enable register W W W 44 45 46 47 Port mode register B Port mode register C Detection edge select register 2 Serial mode register 1B Port R4 DCR W W W $02C $02D $02E $02F $031 $030 53 48 49 50 51 52 Two registers are mapped on the same area. R/W R/W (PMRA) (SM1A) (SR1L) (SR1U) (TMA) (MIS) (TMC1) (TRCL/TWCL) (TRCU/TWCU) (TMD1) (TRDL/TWDL) (TRDU/TWDU) (TMC2) (TMD2) (CDR) (CER) (PMRB) (PMRC) (SM1B) (ESR2) (DCD0) (DCD1) (DCD2) (DCR0) (DCR1) (DCR2) (DCR3) (DCR4) (TRCL) (TRCU) (TRDL) (TRDU) (TWCL) (TWCU) (TWDL) (TWDU) Not used Not used Not used Not used Not used Not used Not used Not used Not used Not used Figure 2 RAM Memory Map |
Similar Part No. - HD404054S |
|
Similar Description - HD404054S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |