Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404338S Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD404338S
Description  microcomputer with large-capacity memory designed to
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404338S Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD404338S Datasheet HTML 3Page - Renesas Technology Corp HD404338S Datasheet HTML 4Page - Renesas Technology Corp HD404338S Datasheet HTML 5Page - Renesas Technology Corp HD404338S Datasheet HTML 6Page - Renesas Technology Corp HD404338S Datasheet HTML 7Page - Renesas Technology Corp HD404338S Datasheet HTML 8Page - Renesas Technology Corp HD404338S Datasheet HTML 9Page - Renesas Technology Corp HD404338S Datasheet HTML 10Page - Renesas Technology Corp HD404338S Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
HD404339 Series
5
Pin Number
Item
Symbol
DP-64S
FP-64B
I/O
Function
A/D converter
AV
CC
32
26
Power supply for the A/D converter. Connect
this pin as close as possible to the V
CC pin and at
the same voltage as V
CC.
If the power supply
voltage to be used for the A/D converter is not
equal to V
CC, connect a 0.1-µF bypass capacitor
between the AV
CC and AV SS pins.
(However, this
is not necessary when the AV
CC pin is directly
connected to the V
CC pin.)
AV
SS
19
13
Ground for the A/D converter. Connect this pin
as close as possible to GND at the same voltage
as GND.
AN
0–AN 11 20–31
14–25
I
Analog input pins for the A/D converter


Similar Part No. - HD404338S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404338S HITACHI-HD404338S Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
More results

Similar Description - HD404338S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Motorola, Inc
MC68HC05M6 MOTOROLA-MC68HC05M6 Datasheet
67Kb / 2P
   microcomputer unit with VFD drive capacity
logo
CIT Relay & Switch
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
logo
Renesas Technology Corp
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
   microcomputer designed to increase program productivity
logo
Toshiba Semiconductor
MQ03ABBXXX TOSHIBA-MQ03ABBXXX Datasheet
93Kb / 2P
   LARGE CAPACITY HDD FOR EXTERNAL STORAGE
Rev. 00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com