Electronic Components Datasheet Search |
|
HD404449H Datasheet(PDF) 9 Page - Renesas Technology Corp |
|
HD404449H Datasheet(HTML) 9 Page - Renesas Technology Corp |
9 / 125 page HD404449 Series 7 A/D data register Data (464 digits) V = 1 (bank = 1) 0 $000 $000 64 80 608 960 1023 $040 $050 4 5 6 7 0 3 12 13 14 15 8 9 10 11 16 17 32 35 18 19 20 63 $003 $004 $005 $006 $007 $008 $009 $00A $00B $00C $00D $00E $00F $010 $011 $012 $013 $014 $020 $023 $032 $033 $034 $035 $036 $037 $038 $03F $00A $00B $00E $00F W W R/W W W W W W W W W W W W W W W R R R R W R/W R/W R/W R/W R/W R/W $090 $25F 58 54 55 $3C0 $260 RAM-mapped registers Memory registers (MR) Not used Data (464 digits 2) V = 0 (bank 0) V = 1 (bank 1) Data (144 digits) Stack (64 digits) Interrupt control bits area Port mode register A Serial mode register 1A Serial data register 1 lower Serial data register 1 upper Timer mode register A Timer mode register B1 Timer B Miscellaneous register Timer mode register C1 Timer C Timer mode register B2 Timer mode register D2 Register flag area Port R0 DCR Port R1 DCR Port R2 DCR Port R3 DCR Port D –D DCR Port D –D DCR Port D and D DCR Not used V register 03 47 811 Data (464 digits) V = 0 (bank = 0) The data area has two banks: bank 0 (V = 0) to bank 1 (V = 1) 10 11 14 15 Timer read register B lower Timer read register B upper Timer read register C lower Timer read register C upper Timer write register B lower Timer write register B upper Timer write register C lower Timer write register C upper R: W: R/W: × $090 Read only Write only Read/Write Note: $011 $012 W W R R 17 18 Timer read register D lower Timer read register D upper Timer write register D lower Timer write register D upper 144 W Timer mode register D1 R/W R/W Timer D Timer mode register C2 21 $015 22 $016 R A/D data register lower 23 $017 36 $024 37 $025 38 $026 39 $027 40 $028 41 $029 42 $02A 43 $02B 24 25 27 26 28 29 30 31 $018 $019 $01A $01B $01C $01D $01E $01F $3FF A/D data register upper Serial mode register 2A Serial mode register 2B Serial data register 2 lower Serial data register 2 upper R W W W W W 60 44 45 46 47 Port mode register B Port mode register C Detection edge select register 1 Detection edge select register 2 Serial mode register 1B System clock select register Not used Not used Port R4 DCR Port R5 DCR Port R6 DCR Port R7 DCR W W W W W W W W W W W W W $02C $02D $02E $02F $031 $030 53 48 49 50 51 52 Two registers are mapped on the same area. * Not used 752 $2F0 Note R/W R/W R/W Not used (PMRA) (SM1A) (SR1L) (SR1U) (TMA) (TMB1) (TRBL/TWBL) (TRBU/TWBU) (MIS) (TMC1) (TRCL/TWCL) (TRCU/TWCU) (TMD1) (TRDL/TWDL) (TRDU/TWDU) (TMB2) (TMC2) (TMD2) (AMR) (ADRL) (ADRU) (SM2A) (SM2B) (SR2L) (SR2U) (PMRB) (PMRC) (SM1B) (SSR) (ESR1) (ESR2) (DCD0) (DCD1) (DCD2) (DCR0) (DCR1) (DCR2) (DCR3) (DCR4) (DCR5) (DCR6) (DCR7) (DCR8) (DCR9) (DCRA) (DCRB) (DCRC) R/W R/W Not used Port R8 DCR Port R9 DCR Port RA DCR Port RB DCR Port RC DCR 59 57 56 $039 $03A $03B $03C (TRBL) (TRBU) (TRCL) (TRCU) (TRDL) (TRDU) (TWBL) (TWBU) (TWCL) (TWCU) (TWDL) (TWDU) * Figure 2 RAM Memory Map |
Similar Part No. - HD404449H |
|
Similar Description - HD404449H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |