Electronic Components Datasheet Search |
|
HD404368H Datasheet(PDF) 11 Page - Renesas Technology Corp |
|
HD404368H Datasheet(HTML) 11 Page - Renesas Technology Corp |
11 / 117 page HD404369 Series 9 RAM Memory Map A/D channel register (ACR) $000 $000 $040 $050 $003 $004 $005 $006 $007 $008 $009 $00A $00B $00C $00D $00E $00F $020 $023 $033 $034 $035 $036 $037 $00A $00B $00E $00F W W R/W W W W W W W W W W R R R R W R/W R/W R/W R/W R/W $3C0 RAM-mapped registers Memory registers (MR) Stack (64 digits) Interrupt control bits area Port mode register A (PMRA) Serial mode register (SMR) Serial data register lower (SRL) Serial data register upper (SRU) Timer mode register A (TMA) Timer mode register B1 (TMB1) Timer B (TRBL/TWBL) (TRBU/TWBU) Miscellaneous register (MIS) Timer mode register C (TMC) Timer C (TRCL/TWCL) (TRCU/TWCU) Register flag area Port R0 DCR (DCR0) Port R3 DCR (DCR3) Not used 1. Two registers are mapped on the same area ($00A, $00B, $00E, $00F). 2. Undefined. Timer read register B lower (TRBL) Timer read register B upper (TRBU) Timer read register C lower (TRCL) Timer read register C upper (TRCU) Timer write register B lower (TWBL) Timer write register B upper (TWBU) Timer write register C lower (TWCL) Timer write register C upper (TWCU) R: Read only W: Write only R/W: Read/write $200 Notes: $016 R A/D data register lower (ADRL) $017 $024 $025 $026 $027 $028 $018 $019 $01A $3FF A/D data register upper (ADRU) A/D mode register 1 (AMR1) A/D mode register 2 (AMR2) R W W W Port mode register B (PMRB) Port mode register C (PMRC) Timer mode register B2 (TMB2) System clock selection register 1 (SSR1) Not used Port R4 DCR (DCR4) Port R5 DCR (DCR5) Port R6 DCR (DCR6) Port R7 DCR (DCR7) W W W W W W W W W $030 Not used System clock selection register 2 (SSR2) Not used Not used 0000 0000 0000 Undefined Undefined 0000 0000 *2/0000 0000 0000 0000 0000 0000 1000 0000 -000 0000 00-0 -000 000- 0000 0000 0000 -000 --00 Undefined *2/0000 Undefined *1 Initial values after reset $03F Data (432 digits) 0000 0000 0000 --00 Port D0–D3 Port D4–D7 Port D8–D11 Port D12, D13 Port R1 DCR (DCR1) Port R2 DCR (DCR2) W W 0000 0000 W W W W 0000 0000 W W Port R8 DCR (DCR8) Port R9 DCR (DCR9) DCR DCR DCR DCR (DCD0) (DCD1) (DCD2) (DCD3) $02C $02D $02E $02F $031 $032 $038 $039 Figure 2 RAM Memory Map |
Similar Part No. - HD404368H |
|
Similar Description - HD404368H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |