Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4046212RH Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD4046212RH
Description  AS Microcomputer Incorporating a DTMF Generator Circuit
Download  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4046212RH Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD4046212RH Datasheet HTML 6Page - Renesas Technology Corp HD4046212RH Datasheet HTML 7Page - Renesas Technology Corp HD4046212RH Datasheet HTML 8Page - Renesas Technology Corp HD4046212RH Datasheet HTML 9Page - Renesas Technology Corp HD4046212RH Datasheet HTML 10Page - Renesas Technology Corp HD4046212RH Datasheet HTML 11Page - Renesas Technology Corp HD4046212RH Datasheet HTML 12Page - Renesas Technology Corp HD4046212RH Datasheet HTML 13Page - Renesas Technology Corp HD4046212RH Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 157 page
background image
HD404629R Series
8
Pin Number
Item
Symbol
FP-100B
TFP-100B
FP-100A
I/O
Function
A/D
converter
AV
CC
1
3
Power pin for A/D converter: Connect it to the same
potential as V
CC, as physically close to the VCC pin as
possible
AV
SS
6
8
Ground for AV
CC: Connect it to the same potential
as GND, as physically close to the GND pin as
possible
AN
0–AN3
2–5
4–7
I
Analog input pins for A/D converter
DTMF
TONER
99
1
O
Output pin for DTMF row signals
TONEC
98
100
O
Output pin for DTMF column signals
VT
ref
100
2
Reference voltage pin for DTMF signals.
Voltage conditions are: V
CC ≥ VTref ≥ GND


Similar Part No. - HD4046212RH

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404612 HITACHI-HD404612 Datasheet
358Kb / 89P
   4-Bit Single-Chip Microcomputer
logo
Renesas Technology Corp
HD404612 RENESAS-HD404612 Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD404612FS HITACHI-HD404612FS Datasheet
358Kb / 89P
   4-Bit Single-Chip Microcomputer
logo
Renesas Technology Corp
HD404612FS RENESAS-HD404612FS Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD404612H HITACHI-HD404612H Datasheet
358Kb / 89P
   4-Bit Single-Chip Microcomputer
More results

Similar Description - HD4046212RH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404829R RENESAS-HD404829R Datasheet
760Kb / 149P
   AS Microcomputer Incorporating a LCD controller/Driver Circuit
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
   DTMF GENERATOR
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
   DTMF GENERATOR
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
   DTMF Generator
logo
STMicroelectronics
PBD3535 STMICROELECTRONICS-PBD3535 Datasheet
501Kb / 8P
   DTMF Generator
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
   DTMF Tone Generator
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
   DTMF GENERATOR WITH MICROPROCESSOR
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
   On-chip DTMF generator
logo
Renesas Technology Corp
HD404669 RENESAS-HD404669 Datasheet
680Kb / 146P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
Sept. 1999
logo
Hitachi Semiconductor
HD404669 HITACHI-HD404669 Datasheet
455Kb / 142P
   Low-Voltage AS Microcomputers with On-Chip DTMF Generation Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com