Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404328UH Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD404328UH
Description  microcomputer designed to increase program productivity
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404328UH Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD404328UH Datasheet HTML 3Page - Renesas Technology Corp HD404328UH Datasheet HTML 4Page - Renesas Technology Corp HD404328UH Datasheet HTML 5Page - Renesas Technology Corp HD404328UH Datasheet HTML 6Page - Renesas Technology Corp HD404328UH Datasheet HTML 7Page - Renesas Technology Corp HD404328UH Datasheet HTML 8Page - Renesas Technology Corp HD404328UH Datasheet HTML 9Page - Renesas Technology Corp HD404328UH Datasheet HTML 10Page - Renesas Technology Corp HD404328UH Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 103 page
background image
HD404054 Series/HD404094 Series
5
Block Diagram
System control
RAM
(512 4bit)
×
W (2bit)
X (4bit)
SPX (4bit)
Y (4bit)
SPY (4bit)
ST
(1bit)
CA
(1bit)
A (4bit)
B (4bit)
SP (10bit)
Instruction
decoder
PC (14bit)
ROM
(4,096 10bit)
(2,048 10bit)
×
×
External
interrupt
Timer
A
Timer
C
Timer
D
Serial
1
Compa-
rator
: Data bus
: Signal line
ALU
High
current
source
pins
High
current
sink pins
Intermediate
voltage NMOS
open-drain
output pins*
CPU
D
D
D
D
D
D
D
D
D
D
D
D
0
1
2
3
4
5
6
7
8
9
12
13
R00
R1
R1
R1
R1
0
1
2
3
R2
R2
R2
R2
0
1
2
3
R3
R3
R3
R3
0
1
2
3
R4
R4
R4
R4
0
1
2
3
RD
RD
RD
RD
0
1
2
3
RC0
0
1
TOC
EVND
TOD
INT
INT
1
1
1
SI
SO
SCK
0
1
VCref
COMP
COMP
RE0
Note: Only HD404094 Series
*


Similar Part No. - HD404328UH

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404328 HITACHI-HD404328 Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404328FS HITACHI-HD404328FS Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
HD404328S HITACHI-HD404328S Datasheet
2Mb / 87P
   4 BIT SINGLE CHIP MICROCOMPUTER
More results

Similar Description - HD404328UH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404054 HITACHI-HD404054 Datasheet
395Kb / 101P
   HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
logo
Rochester Electronics
M80C31BH ROCHESTER-M80C31BH Datasheet
601Kb / 9P
   CMOS SINGLE - CHIP 8-BIT MICROCOMPUTER 64K program Memory Space
logo
STMicroelectronics
PM0212 STMICROELECTRONICS-PM0212 Datasheet
161Kb / 22P
   How to program the STM8TL5xxx Flash program memory and data EEPROM
logo
Level One
GEP-0520 LVL1-GEP-0520 Datasheet
689Kb / 3P
   9K jumbo frames to increase data transfer rates
logo
STMicroelectronics
PM0083 STMICROELECTRONICS-PM0083 Datasheet
411Kb / 13P
   How to program STM8T143 OTP options
PM0051 STMICROELECTRONICS-PM0051 Datasheet
198Kb / 27P
   How to program STM8S and STM8A Flash program memory and data EEPROM
PM0054 STMICROELECTRONICS-PM0054 Datasheet
246Kb / 28P
   How to program STM8L and STM8AL Flash program memory and data EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com