Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404652H Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HD404652H
Description  4-Bit Single-Chip Microcomputer
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404652H Datasheet(HTML) 3 Page - Renesas Technology Corp

  HD404652H Datasheet HTML 1Page - Renesas Technology Corp HD404652H Datasheet HTML 2Page - Renesas Technology Corp HD404652H Datasheet HTML 3Page - Renesas Technology Corp HD404652H Datasheet HTML 4Page - Renesas Technology Corp HD404652H Datasheet HTML 5Page - Renesas Technology Corp HD404652H Datasheet HTML 6Page - Renesas Technology Corp HD404652H Datasheet HTML 7Page - Renesas Technology Corp HD404652H Datasheet HTML 8Page - Renesas Technology Corp HD404652H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 111 page
background image
HD404654 Series
4-Bit Single-Chip Microcomputer
Rev. 7.0
Sept. 1999
Description
The HD404654 Series is a member of the HMCS400-series of microcomputers designed to increase
program productivity with large-capacity memory. Each microcomputer has a high-precision dual-tone
multi-frequency (DTMF) generator, three timers, serial interface, voltage comparator, and input capture
circuit.
The HD404654 Series includes three chips: the HD404652 with 2 k-word ROM; the HD404654 with 4 k-
word ROM; and the HD4074654 with 4 k-word PROM (ZTAT
™ version).
The HD4074654 is a PROM version (ZTAT
™ microcomputer). A program can be written to the PROM by
a PROM writer, which can dramatically shorten system development periods and smooth the process from
debugging to mass production. (The ZTAT
™ version is 27256-compatible.)
ZTAT
™ : Zero Turn Around Time. ZTAT is a trademark of Hitachi Ltd.
Features
• 27 I/O pins and 5 dedicated input pins
 10 high-current output pins: Six 15-mA sinks and four 10-mA sources
• Three timer/counters
• Eight-bit input capture circuit
• Two timer outputs (including two PWM outputs)
• One event counter input (including one double-edge function)
• One clock-synchronous 8-bit serial interface
• Voltage comparator (2 channels)
• On-chip DTMF generator (f
OSC = 400 kHz, 800 kHz, 2 MHz, 3.58 MHz or 4 MHz)
• Built-in oscillators
 Main clock: Ceramic or crystal oscillator (an external clock is also possible)
• Six interrupt sources
 Two by external sources
 Four by internal sources
• Subroutine stack up to 16 levels, including interrupts


Similar Part No. - HD404652H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404652H HITACHI-HD404652H Datasheet
430Kb / 109P
   4-Bit Single-Chip Microcomputer
More results

Similar Description - HD404652H

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com