Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62V16100I Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HM62V16100I
Description  Wide Temperature Range Version 16 M SRAM (1-Mword16-bit)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62V16100I Datasheet(HTML) 5 Page - Renesas Technology Corp

  HM62V16100I Datasheet HTML 1Page - Renesas Technology Corp HM62V16100I Datasheet HTML 2Page - Renesas Technology Corp HM62V16100I Datasheet HTML 3Page - Renesas Technology Corp HM62V16100I Datasheet HTML 4Page - Renesas Technology Corp HM62V16100I Datasheet HTML 5Page - Renesas Technology Corp HM62V16100I Datasheet HTML 6Page - Renesas Technology Corp HM62V16100I Datasheet HTML 7Page - Renesas Technology Corp HM62V16100I Datasheet HTML 8Page - Renesas Technology Corp HM62V16100I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
HM62V16100I Series
Rev.2.00, Oct.06.2003, page 5 of 23
(Top view)
48-bumps CSP
A
B
C
D
E
F
G
H
1
2
3
4
5
6
LB
I/O8
I/O9
VSS
VCC
I/O14
I/O15
A18
OE
UB
I/O10
I/O11
I/O12
I/O13
A19
A8
A3
A5
A17
VSS
A14
A0
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
CS1
I/O1
I/O3
I/O4
I/O5
WE
A11
CS2
I/O0
I/O2
VCC
VSS
I/O6
I/O7
NU
Pin Description (CSP)
Pin name
Function
A0 to A19
Address input
I/O0 to I/O15
Data input/output
CS1
Chip select 1
CS2
Chip select 2
WE
Write enable
OE
Output enable
LB
Lower byte select
UB
Upper byte select
V
CC
Power supply
V
SS
Ground
NU*
1
Not used (test mode pin)
Note: 1. This pin should be connected to a ground (V
SS), or not be connected (open).


Similar Part No. - HM62V16100I

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62V16100I HITACHI-HM62V16100I Datasheet
215Kb / 25P
   Wide Temperature Range Version
More results

Similar Description - HM62V16100I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62A16100I RENESAS-HM62A16100I Datasheet
140Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBGI RENESAS-R1LV1616HBGI_15 Datasheet
143Kb / 17P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
HM62A16100I RENESAS-HM62A16100I_15 Datasheet
243Kb / 19P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I Datasheet
121Kb / 15P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit)
R1LV1616H-I RENESAS-R1LV1616H-I_15 Datasheet
179Kb / 23P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV1616H-I RENESAS-R1LV1616H-I Datasheet
158Kb / 21P
   Wide Temperature Range Version 16 M SRAM (1-Mword 횞 16-bit / 2-Mword 횞 8-bit)
R1LV0414C-I RENESAS-R1LV0414C-I Datasheet
113Kb / 13P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416CBG-I RENESAS-R1LV0416CBG-I Datasheet
146Kb / 16P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV0416C-I RENESAS-R1LV0416C-I Datasheet
116Kb / 18P
   Wide Temperature Range Version 4M SRAM (256-kword 횞 16-bit)
R1LV1616HBG-I RENESAS-R1LV1616HBG-I_17 Datasheet
432Kb / 15P
   16 M SRAM (1-Mword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com