Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM628512CLFPI-5 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HM628512CLFPI-5
Description  Wide Temperature Range Version 4 M SRAM (512-kword8-bit)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM628512CLFPI-5 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HM628512CLFPI-5 Datasheet HTML 5Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 6Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 7Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 8Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 9Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 10Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 11Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 12Page - Renesas Technology Corp HM628512CLFPI-5 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
HM628512CI Series
7
AC Characteristics (Ta = –40 to +85
°C, V
CC = 5 V ± 10%, unless otherwise noted.)
Test Conditions
• Input pulse levels: 0.4 V to 2.4 V
• Input rise and fall time: 5 ns
• Input and output timing reference levels: 1.5 V
• Output load: 1 TTL Gate + C
L (50 pF) (HM628512CI-5)
1 TTL Gate + C
L (100 pF) (HM628512CI-7)
(Including scope and jig)
Read Cycle
HM628512CI
-5
-7
Parameter
Symbol
Min
Max
Min
Max
Unit
Notes
Read cycle time
t
RC
55
70
ns
Address access time
t
AA
55
70
ns
Chip select access time
t
CO
55
70
ns
Output enable to output valid
t
OE
25
35
ns
Chip selection to output in low-Z
t
LZ
10
10
ns
2
Output enable to output in low-Z
t
OLZ
5
5
ns
2
Chip deselection to output in high-Z
t
HZ
0
20
0
25
ns
1, 2
Output disable to output in high-Z
t
OHZ
0
20
0
25
ns
1, 2
Output hold from address change
t
OH
10
10
ns


Similar Part No. - HM628512CLFPI-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628512CLFPI-7 HITACHI-HM628512CLFPI-7 Datasheet
83Kb / 17P
   Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
More results

Similar Description - HM628512CLFPI-5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM6216514I RENESAS-HM6216514I_15 Datasheet
121Kb / 20P
   Wide Temperature Range Version 8 M SRAM (512-kword 쨈 16-bit)
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I Datasheet
108Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
logo
Hitachi Semiconductor
R1LP0408C HITACHI-R1LP0408C Datasheet
78Kb / 14P
   Wide Temperature Range Version 4 M SRAM (512-kword 횞 8-bit)
HM628512CI HITACHI-HM628512CI Datasheet
83Kb / 17P
   Wide Temperature Range Version 4 M SRAM (512-kword x 8-bit)
logo
Renesas Technology Corp
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512C RENESAS-HM62V8512C Datasheet
100Kb / 18P
   4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI Datasheet
80Kb / 15P
   4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com