Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V1001FP-25 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HN58V1001FP-25
Description  1M EEPROM (128-kword8-bit) Ready/Busy and RES function
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V1001FP-25 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HN58V1001FP-25 Datasheet HTML 1Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 2Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 3Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 4Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 5Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 6Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 7Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 8Page - Renesas Technology Corp HN58V1001FP-25 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HN58V1001 Series
Rev.8.00, Nov. 28. 2003, page 5 of 21
DC Characteristics (Ta = 0 to +70
°C, V
CC = 2.7 V to 5.5 V)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input leakage current
I
LI
2*
1
µA
V
CC = 3.6 V, Vin =3.6 V
Output leakage current
I
LO
2
µA
V
CC = 3.6 V, Vout = 3.6/0.4 V
Standby V
CC current
I
CC1
20
µA
CE = V
CC
I
CC2
1
mA
CE = V
IH
Operating V
CC current
I
CC3
6
mA
Iout = 0 mA, Duty = 100%,
Cycle = 1 µs, V
CC = 3.3 V
15
mA
Iout = 0 mA, Duty = 100%,
Cycle = 250 ns, V
CC = 3.3 V
Output low voltage
V
OL
0.4
V
I
OL = 2.1 mA
Output high voltage
V
OH
V
CC × 0.8
V
I
OH = −400 µA
Notes: 1. I
LI on RES:
100
µA (max)
Capacitance (Ta = +25
°C, f = 1 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance*
1
Cin
6
pF
Vin = 0 V
Output capacitance*
1
Cout
12
pF
Vout = 0 V
Note:
1. This parameter is periodically sampled and not 100
% tested.


Similar Part No. - HN58V1001FP-25

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V1001FP-25 HITACHI-HN58V1001FP-25 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
More results

Similar Description - HN58V1001FP-25

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
logo
Hitachi Semiconductor
HN58V1001 HITACHI-HN58V1001 Datasheet
119Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
HN58C1001 HITACHI-HN58C1001 Datasheet
117Kb / 22P
   1M EEPROM (128-kword x 8-bit) Ready/Busy and RES function
logo
Renesas Technology Corp
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com