Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V65AP-10 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HN58V65AP-10
Description  64 k EEPROM (8-kword8-bit) Ready/Busy Function, RES Function (HN58V66A)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V65AP-10 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HN58V65AP-10 Datasheet HTML 2Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 3Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 4Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 5Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 6Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 7Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 8Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 9Page - Renesas Technology Corp HN58V65AP-10 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HN58V65A Series, HN58V66A Series
Rev.3.00, Dec. 04.2003, page 6 of 26
Operation Table
Operation
CE
CE
CE
CE
OE
OE
OE
OE
WE
WE
WE
WE
RES
RES
RES
RES*3
RDY/
Busy
Busy
Busy
Busy
I/O
Read
V
IL
V
IL
V
IH
V
H*
1
High-Z
Dout
Standby
V
IH
×*2
×
×
High-Z
High-Z
Write
V
IL
V
IH
V
IL
V
H
High-Z to V
OL
Din
Deselect
V
IL
V
IH
V
IH
V
H
High-Z
High-Z
Write Inhibit
×
×
V
IH
×
×
V
IL
×
×
Data Polling
V
IL
V
IL
V
IH
V
H
V
OL
Dout (I/O7)
Program reset
×
×
×
V
IL
High-Z
High-Z
Notes: 1. Refer to the recommended DC operating conditions.
2.
× : Don’t care
3. This function supported by only the HN58V66A series.
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to V
SS
V
CC
−0.6 to +7.0
V
Input voltage relative to V
SS
Vin
−0.5*1 to +7.0*3
V
Operating temperature range *
2
Topr
0 to +70
°C
Storage temperature range
Tstg
−55 to +125
°C
Notes: 1. Vin min :
−3.0 V for pulse width ≤ 50 ns.
2. Including electrical characteristics and data retention.
3. Should not exceed V
CC + 1 V.
Recommended DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
V
CC
2.7
5.5
V
V
SS
0
0
0
V
Input voltage
V
IL
−0.3*1
0.6*
5
V
V
IH
1.9*
2
V
CC + 0.3*
3
V
V
H*
4
V
CC −0.5
V
CC + 1.0
V
Operating temperature
Topr
0
+70
°C
Notes: 1. V
IL min: −1.0 V for pulse width ≤ 50 ns.
2. V
IH = 2.2 V for VCC = 3.6 to 5.5 V.
3. V
IH max: VCC + 1.0 V for pulse width ≤ 50 ns.
4. This function is supported by only the HN58V66A series.
5. V
IL = 0.8 V for VCC = 3.6 V to 5.5 V


Similar Part No. - HN58V65AP-10

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V65AP-10 HITACHI-HN58V65AP-10 Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
More results

Similar Description - HN58V65AP-10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
logo
Hitachi Semiconductor
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com