Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V256AFP-12E Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HN58V256AFP-12E
Description  256k EEPROM (32-kword8-bit) Ready/Busy and RES function (HN58V257A)
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V256AFP-12E Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HN58V256AFP-12E Datasheet HTML 3Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 4Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 5Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 6Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 7Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 8Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 9Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 10Page - Renesas Technology Corp HN58V256AFP-12E Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
HN58V256A Series, HN58V257A Series
Rev.5.00, Nov. 17.2003, page 7 of 22
Write Cycle
Parameter
Symbol
Min*
3
Typ
Max
Unit
Test conditions
Address setup time
t
AS
0
ns
Address hold time
t
AH
50
ns
CE to write setup time (WE controlled)
t
CS
0
ns
CE hold time (WE controlled)
t
CH
0
ns
WE to write setup time (CE controlled)
t
WS
0
ns
WE hold time (CE controlled)
t
WH
0
ns
OE to write setup time
t
OES
0
ns
OE hold time
t
OEH
0
ns
Data setup time
t
DS
70
ns
Data hold time
t
DH
0
ns
WE pulse width (WE controlled)
t
WP
200
ns
CE pulse width (CE controlled)
t
CW
200
ns
Data latch time
t
DL
100
ns
Byte load cycle
t
BLC
0.3
30
µs
Byte load window
t
BL
100
µs
Write cycle time
t
WC
10*
4
ms
Time to device busy
t
DB
120
ns
Write start time
t
DW
0*
5
ns
Reset protect time*
2
t
RP
100
µs
Reset high time*
2, 6
t
RES
1
µs
Notes: 1. t
DF and tDFR are defined as the time at which the outputs achieve the open circuit conditions and are
no longer driven.
2. This function is supported by only the HN58V257A series.
3. Use this device in longer cycle than this value.
4. t
WC must be longer than this value unless polling techniques or RDY/Busy (only the HN58V257A
series) are used. This device automatically completes the internal write operation within this value.
5. Next read or write operation can be initiated after t
DW if polling techniques or RDY/Busy (only the
HN58V257A series) are used.
6. This parameter is sampled and not 100
% tested.
7. A6 through A14 are page addresses and these addresses are latched at the first falling edge of
WE.
8. A6 through A14 are page addresses and these addresses are latched at the first falling edge of
CE.
9. See AC read characteristics.


Similar Part No. - HN58V256AFP-12E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V256AFP-12 HITACHI-HN58V256AFP-12 Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
More results

Similar Description - HN58V256AFP-12E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V256A HITACHI-HN58V256A Datasheet
118Kb / 24P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58V257A)
HN58C256A HITACHI-HN58C256A Datasheet
126Kb / 25P
   256k EEPROM (32-kword x 8-bit) Ready/Busy and RES function (HN58C257A)
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
HN58V65A RENESAS-HN58V65A Datasheet
256Kb / 28P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
R1EV5801MB RENESAS-R1EV5801MB Datasheet
776Kb / 22P
   1M EEPROM (128-Kword × 8-bit)Ready/ Busy and RES function
May 12, 2016
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com