Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN58V66AFP-10E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HN58V66AFP-10E
Description  64 k EEPROM (8-kword8-bit) Ready/Busy Function, RES Function (HN58V66A)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58V66AFP-10E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HN58V66AFP-10E Datasheet HTML 6Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 7Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 8Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 9Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 10Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 11Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 12Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 13Page - Renesas Technology Corp HN58V66AFP-10E Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
HN58V65A Series, HN58V66A Series
Rev.3.00, Dec. 04.2003, page 10 of 26
Read Cycle 2 (4.5 V
≤ V
CC ≤ 5.5 V)
HN58V65A/HN58V66A
-10
Parameter
Symbol
Min
Max
Unit
Test conditions
Address to output delay
t
ACC
70
ns
CE = OE = V
IL, WE = VIH
CE to output delay
t
CE
70
ns
OE = V
IL, WE = VIH
OE to output delay
t
OE
10
40
ns
CE = V
IL, WE = VIH
Address to output hold
t
OH
0
ns
CE = OE = V
IL, WE = VIH
OE (CE) high to output float*1 t
DF
0
30
ns
CE = V
IL, WE = VIH
RES low to output float*1, 2
t
DFR
0
350
ns
CE = OE = V
IL, WE = VIH
RES to output delay*2
t
RR
0
450
ns
CE = OE= V
IL, WE = VIH


Similar Part No. - HN58V66AFP-10E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58V66AFP-10 HITACHI-HN58V66AFP-10 Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
More results

Similar Description - HN58V66AFP-10E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58V65A RENESAS-HN58V65A_15 Datasheet
284Kb / 30P
   64 k EEPROM (8-kword 횞 8-bit) Ready/Busy Function, RES Function (HN58V66A)
logo
Hitachi Semiconductor
HN58V65A HITACHI-HN58V65A Datasheet
127Kb / 27P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A)
HN58S65A HITACHI-HN58S65A Datasheet
93Kb / 18P
   64 k EEPROM (8-kword x 8-bit) Ready/Busy function
logo
Renesas Technology Corp
HN58V1001 RENESAS-HN58V1001 Datasheet
260Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
HN58V65AI RENESAS-HN58V65AI Datasheet
225Kb / 28P
   64k EEPROM (8-kword x 8-bit) Ready/Busy function, RES function (HN58V66A) Wide Temperature Range version
R1EV58064BXXN RENESAS-R1EV58064BXXN_15 Datasheet
457Kb / 25P
   64K EEPROM (8-Kword 횞 8-bit) Ready/Busy function
HN58C1001 RENESAS-HN58C1001 Datasheet
232Kb / 24P
   1M EEPROM (128-kword 횞 8-bit) Ready/Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_16 Datasheet
777Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready Busy and RES function
R1EV5801MB RENESAS-R1EV5801MB_15 Datasheet
545Kb / 22P
   1M EEPROM (128-Kword 횞 8-bit)Ready/ Busy and RES function
HN58V256A RENESAS-HN58V256A Datasheet
239Kb / 25P
   256k EEPROM (32-kword 횞 8-bit) Ready/Busy and RES function (HN58V257A)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com