Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1023R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HAT1023R
Description  Silicon P Channel Power MOSFET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1023R Datasheet(HTML) 1 Page - Renesas Technology Corp

  HAT1023R Datasheet HTML 1Page - Renesas Technology Corp HAT1023R Datasheet HTML 2Page - Renesas Technology Corp HAT1023R Datasheet HTML 3Page - Renesas Technology Corp HAT1023R Datasheet HTML 4Page - Renesas Technology Corp HAT1023R Datasheet HTML 5Page - Renesas Technology Corp HAT1023R Datasheet HTML 6Page - Renesas Technology Corp HAT1023R Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.9.00 Sep 07, 2005 page 1 of 6
HAT1023R
Silicon P Channel Power MOS FET
High Speed Power Switching
REJ03G1145-0900
(Previous: ADE-208-436G)
Rev.9.00
Sep 07, 2005
Features
• Low on-resistance
• Capable of 2.5 V gate drive
• Low drive current
• High density mounting
Outline
RENESAS Package code: PRSP0008DD-D
(Package name: SOP-8 <FP-8DAV> )
1, 2, 3
Source
4
Gate
5, 6, 7, 8
Drain
1 2
3 4
5
6
7
8
G
D
SS S
DD D
4
12 3
56 7 8


Similar Part No. - HAT1023R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT1023R HITACHI-HAT1023R Datasheet
48Kb / 10P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1023R RENESAS-HAT1023R_15 Datasheet
108Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1023R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1016R RENESAS-HAT1016R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1026R RENESAS-HAT1026R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1020R RENESAS-HAT1020R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1024R RENESAS-HAT1024R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1035R RENESAS-HAT1035R Datasheet
47Kb / 4P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1021R RENESAS-HAT1021R Datasheet
90Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
logo
Isahaya Electronics Cor...
INJ0011AX ISAHAYA-INJ0011AX Datasheet
140Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AX ISAHAYA-INJ0001AX_08 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0003AX ISAHAYA-INJ0003AX_08 Datasheet
139Kb / 4P
   High speed switching Silicon P-channel MOSFET
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com