Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1026R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HAT1026R
Description  Silicon P Channel Power MOSFET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1026R Datasheet(HTML) 6 Page - Renesas Technology Corp

  HAT1026R Datasheet HTML 1Page - Renesas Technology Corp HAT1026R Datasheet HTML 2Page - Renesas Technology Corp HAT1026R Datasheet HTML 3Page - Renesas Technology Corp HAT1026R Datasheet HTML 4Page - Renesas Technology Corp HAT1026R Datasheet HTML 5Page - Renesas Technology Corp HAT1026R Datasheet HTML 6Page - Renesas Technology Corp HAT1026R Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HAT1026R
Rev.10.00 Sep 07, 2005 page 6 of 6
Package Dimensions
P-SOP8-3.95
× 4.9-1.27
0.085g
MASS[Typ.]
FP-8DAV
PRSP0008DD-D
RENESAS Code
JEITA Package Code
Package Name
8
5
1
4
bp
Detail F
Terminal cross section
1.27
1.08
0.40
L1
0.60
0.25
x
0.46
0.40
0.34
0.10
bp
b1
c1
0.25
0.20
0.15
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
5.3
4.90
D
3.95
E
0.14
A2
6.20
6.10
5.80
0.25
1.75
A
0.75
Z
L
8
°
0
°
c
1.27
e
0.1
y
HE
A1
D
*1
*3
x M
bp
e
Z
(Ni/Pd/Au plating)
2.
1.
DIMENSIONS "
*1(Nom)" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
Index mark
L1
L
Detail F
y
Ordering Information
Part Name
Quantity
Shipping Container
HAT1026R-EL-E
2500 pcs
Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Similar Part No. - HAT1026R

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAT1026R HITACHI-HAT1026R Datasheet
50Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
HAT1026R RENESAS-HAT1026R_15 Datasheet
108Kb / 9P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT1026R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1016R RENESAS-HAT1016R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1023R RENESAS-HAT1023R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1020R RENESAS-HAT1020R Datasheet
89Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1024R RENESAS-HAT1024R Datasheet
97Kb / 8P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1035R RENESAS-HAT1035R Datasheet
47Kb / 4P
   Silicon P Channel Power MOSFET High Speed Power Switching
HAT1021R RENESAS-HAT1021R Datasheet
90Kb / 7P
   Silicon P Channel Power MOSFET High Speed Power Switching
logo
Isahaya Electronics Cor...
INJ0011AX ISAHAYA-INJ0011AX Datasheet
140Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0001AX ISAHAYA-INJ0001AX_08 Datasheet
137Kb / 4P
   High speed switching Silicon P-channel MOSFET
INJ0003AX ISAHAYA-INJ0003AX_08 Datasheet
139Kb / 4P
   High speed switching Silicon P-channel MOSFET
logo
Renesas Technology Corp
HAT1055R RENESAS-HAT1055R_15 Datasheet
136Kb / 12P
   Silicon P Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com