Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC2G241USE Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD74ALVC2G241USE
Description  Dual Bus Buffer Noninverted with 3-state Output
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC2G241USE Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD74ALVC2G241USE Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 9Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 10Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 11Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 12Page - Renesas Technology Corp HD74ALVC2G241USE Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HD74ALVC2G241
Rev.2.00, Dec.18.2003, page 10 of 12
Test Circuit - 2
t
/ t
HZ
ZH
t
/ t
PLH
PHL
t
/ t
LZ
ZL
V
= 3.3
±0.3 V
CC
V
= 1.2 V,
1.5
±0.1 V,
1.8
±0.15 V,
2.5
±0.2 V
CC
Symbol
S1
OPEN
OPEN
GND
GND
VCC×2
6.0
CL
VCC
Output
Input
VCC
RL
RL
Pulse Generator
Z
= 50
OUT
OPEN
*1
See under table
GND
S1
V
= 1.8
±0.15 V
CC
R
1.0 k
2.0 k
500
L
C
30 pF
15 pF
30 pF
L
V
= 2.5
±0.2 V,
3.3
±0.3 V
CC
V
= 1.2 V,
1.5
±0.1 V
CC
Symbol
L
Note: C includes probe and jig capacitance.


Similar Part No. - HD74ALVC2G241USE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G241 HITACHI-HD74ALVC2G241 Datasheet
109Kb / 13P
   Dual Bus Buffer Noninverted with 3-state Output
logo
Renesas Technology Corp
HD74ALVC2G241 RENESAS-HD74ALVC2G241_15 Datasheet
130Kb / 15P
   Dual Bus Buffer Noninverted with 3-state Output
More results

Similar Description - HD74ALVC2G241USE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2G241A RENESAS-HD74LV2G241A Datasheet
94Kb / 10P
   Dual Bus Buffer Noninverted with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC2G241 HITACHI-HD74ALVC2G241 Datasheet
109Kb / 13P
   Dual Bus Buffer Noninverted with 3-state Output
logo
Renesas Technology Corp
HD74ALVC2G241 RENESAS-HD74ALVC2G241_15 Datasheet
130Kb / 15P
   Dual Bus Buffer Noninverted with 3-state Output
HD74LV2G241A RENESAS-HD74LV2G241A_15 Datasheet
119Kb / 12P
   Dual Bus Buffer Noninverted with 3?뱒tate Output
HD74LV2GT241A RENESAS-HD74LV2GT241A Datasheet
90Kb / 9P
   Dual Bus Buffer Noninverted with 3-state Output / CMOS Logic Level Shifter
HD74ALVC2G125 RENESAS-HD74ALVC2G125_15 Datasheet
130Kb / 15P
   Dual Bus Buffer with 3-state Output
HD74LV2G126A RENESAS-HD74LV2G126A Datasheet
90Kb / 10P
   Dual Bus Buffer with 3-state Output
logo
Toshiba Semiconductor
TC7WG126FK TOSHIBA-TC7WG126FK_09 Datasheet
210Kb / 9P
   Dual Bus Buffer with 3-STATE Output
TC7WZ125FU TOSHIBA-TC7WZ125FU Datasheet
202Kb / 7P
   Dual Bus Buffer With 3-STATE Output
logo
Renesas Technology Corp
HD74ALVC2G126 RENESAS-HD74ALVC2G126_15 Datasheet
125Kb / 15P
   Dual Bus Buffer with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com