Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74ALVC162835 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74ALVC162835
Description  18-bit Universal Bus Driver with 3-state Outputs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74ALVC162835 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74ALVC162835 Datasheet HTML 1Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 2Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 3Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 4Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 5Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 6Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 7Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 8Page - Renesas Technology Corp HD74ALVC162835 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
HD74ALVCH162835
Rev.7.00, Oct.02.2003, page 4 of 15
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage range
VCC
–0.5 to 4.6
V
Input voltage range
*1
VI
–0.5 to 4.6
V
Output voltage range
*1, 2
VO
–0.5 to VCC+0.5
V
Input clamp current
IIK
–50
mA
VI < 0
Output clamp current
IOK
±50
mA
VO < 0 or VO > VCC
Continuous output current
IO
±50
mA
VO = 0 to VCC
VCC, GND current / pin
ICC or IGND
±100
mA
Maximum power dissipation
at Ta = 55°C (in still air)
*3
PT
1W
TSSOP
Storage temperature range
Tstg
–65 to 150
°C
Notes: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any
other conditions beyond those indicated under “recommended operating condition” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp
current ratings are observed.
2. The input and output positive-voltage ratings may be exceeded up to 4.6 V if the input and output
clamp-current ratings are observed.
3. The maximum power dissipation is calculated using a junction temperature of 150°C and board
trace length of 750 mils.
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage
VCC
2.3
3.6
V
Input voltage
VI
0VCC
V
Output voltage
VO
0VCC
V
—–6
VCC = 2.3 V
—–8
VCC = 2.7 V
High-level output current
IOH
–12
mA
VCC = 3.0 V
—6
VCC = 2.3 V
—8
VCC = 2.7 V
Low-level output current
IOL
—12
mA
VCC = 3.0 V
Input transition rise or fall rate
∆t/∆v
0
10
ns/V
Operating free-air temperature
Ta
–40
85
°C
Note: Unused or floating control pins must be held high or low.


Similar Part No. - HD74ALVC162835

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835 HITACHI-HD74ALVC162835 Datasheet
65Kb / 15P
   18-bit Universal Bus Driver with 3-state Outputs
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
More results

Similar Description - HD74ALVC162835

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com