Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC240A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74BC240A
Description  Octal Buffers/Line Drivers With 3 State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC240A Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74BC240A Datasheet HTML 1Page - Renesas Technology Corp HD74BC240A Datasheet HTML 2Page - Renesas Technology Corp HD74BC240A Datasheet HTML 3Page - Renesas Technology Corp HD74BC240A Datasheet HTML 4Page - Renesas Technology Corp HD74BC240A Datasheet HTML 5Page - Renesas Technology Corp HD74BC240A Datasheet HTML 6Page - Renesas Technology Corp HD74BC240A Datasheet HTML 7Page - Renesas Technology Corp HD74BC240A Datasheet HTML 8Page - Renesas Technology Corp HD74BC240A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74BC240A
Rev.3.00, Jul.16.2004, page 7 of 8
Package Dimensions
Package Code
JEDEC
JEITA
Mass (reference value)
DP-20N
Conforms
1.26 g
7.62
0.25
+ 0.11
– 0.05
2.54 ± 0.25
0.48 ± 0.10
24.50
25.40 Max
0.89
1.30
1
10
11
20
0˚ – 15˚
1.27 Max
As of January, 2003
Unit: mm
Package Code
JEDEC
JEITA
Mass (reference value)
DP-20NEV
Conforms
1.26 g
7.62
*0.25 ± 0.06
2.54 ± 0.25
*0.48 ± 0.08
*NI/Pd/AU Plating
24.50
25.40 Max
0.89
1.30
1
10
11
20
0˚ – 15˚
1.27 Max
Unit: mm


Similar Part No. - HD74BC240A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC240A HITACHI-HD74BC240A Datasheet
39Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
More results

Similar Description - HD74BC240A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com