Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74BC373AFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74BC373AFPEL
Description  Octal D Type Transparent Latches With 3 State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74BC373AFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74BC373AFPEL Datasheet HTML 1Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 2Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 3Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 4Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 5Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 6Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 7Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 8Page - Renesas Technology Corp HD74BC373AFPEL Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74BC373A
Rev.3.00, Jul.16.2004, page 7 of 8
Waveforms-3
0 V
1.5 V
3 V
1.5 V
t f
Input
LE
Input
D
3 V
0 V
1.5 V
t r
tw
ts
th
1.5 V
90%
90%
10%
10%
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform: PRR =1 MHz, duty cycle 50%
Waveforms-4
0 V
3 V
t f
1.5 V
0 V
1.5 V
1.5 V
1.5 V
tZL
tZH
tLZ
t HZ
OL
V + 0.3 V
OH
V
– 0.3 V
3.5 V
VOL
VOH
Input G
Waveform–A
Waveform–B
t r
10%
90%
90%
10%
Notes:
1.
t
r = 2.5 ns, tf = 2.5 ns
2.
Input waveform: PRR = 1 MHz, duty cycle 50%
3.
Waveform-A shows input conditions such that the output is “L” level when enable by the
output control.
4.
Waveform-B shows input conditions such that the output is “H” level when enable by the
output control.


Similar Part No. - HD74BC373AFPEL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC373A HITACHI-HD74BC373A Datasheet
41Kb / 9P
   Octal D Type Transparent Latches With 3 State Outputs
More results

Similar Description - HD74BC373AFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com