Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74CBT1G126CME Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74CBT1G126CME
Description  Single FET Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74CBT1G126CME Datasheet(HTML) 6 Page - Renesas Technology Corp

  HD74CBT1G126CME Datasheet HTML 1Page - Renesas Technology Corp HD74CBT1G126CME Datasheet HTML 2Page - Renesas Technology Corp HD74CBT1G126CME Datasheet HTML 3Page - Renesas Technology Corp HD74CBT1G126CME Datasheet HTML 4Page - Renesas Technology Corp HD74CBT1G126CME Datasheet HTML 5Page - Renesas Technology Corp HD74CBT1G126CME Datasheet HTML 6Page - Renesas Technology Corp HD74CBT1G126CME Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HD74CBT1G126
Rev.1.00 Apr 07, 2006 page 6 of 6
Package Dimensions
e
A
EHE
L
L1
Q
c
D
b
AA
Pattern of terminal position areas
b2
l1
e1
e
A3
LP
S
A
A2
A1
A
A1
A2
b
b1
c
c1
D
E
e
HE
L
LP
x
y
b2
e1
l1
Q
0.8
0
0.8
0.15
0.1
1.8
1.15
1.8
0.3
0.2
0.22
0.25
0.9
0.13
0.11
2.0
1.25
0.65
2.1
1.5
0.25
1.1
0.1
1.0
0.3
0.2
0.15
2.2
1.35
2.4
0.7
L1
0.1
0.5
0.6
0.05
0.05
0.35
0.9
Dimension in Millimeters
Reference
Symbol
Min
Nom
Max
A3
A
S
M
x
S
y
SC-88A
0.006g
MASS[Typ.]
CMPAK-5 / CMPAK-5V
PTSP0005ZC-A
RENESAS Code
JEITA Package Code
Previous Code
b
A-A Section
b1
c1
c


Similar Part No. - HD74CBT1G126CME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G126 RENESAS-HD74CBT1G126_15 Datasheet
156Kb / 7P
   Single FET Bus Switch
More results

Similar Description - HD74CBT1G126CME

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385 Datasheet
189Kb / 5P
   SINGLE FET BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125_15 Datasheet
162Kb / 7P
   Single FET Bus Switch
HD74CBT1G126 RENESAS-HD74CBT1G126_15 Datasheet
156Kb / 7P
   Single FET Bus Switch
logo
Unisonic Technologies
U74CBT1G385 UTC-U74CBT1G385_15 Datasheet
210Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G384 TI-SN74CBT1G384 Datasheet
53Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G384DBVR TI-SN74CBT1G384DBVR Datasheet
578Kb / 13P
[Old version datasheet]   SINGLE FET BUS SWITCH
SN74CBT1G125DBVR TI1-SN74CBT1G125DBVR Datasheet
851Kb / 12P
[Old version datasheet]   SINGLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBT1G384 UTC-U74CBT1G384 Datasheet
171Kb / 5P
   SINGLE FET BUS SWITCH
logo
Texas Instruments
SN74CBT1G66 TI-SN74CBT1G66 Datasheet
84Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com